Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp 2SC5945 Datasheet HTML 24Page - Renesas Technology Corp 2SC5945 Datasheet HTML 25Page - Renesas Technology Corp 2SC5945 Datasheet HTML 26Page - Renesas Technology Corp 2SC5945 Datasheet HTML 27Page - Renesas Technology Corp 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 24 of 35
S parameter
(VCE = 3.3 V, IC = 200 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.778
176.3
11.25
84.5
0.025
66.8
0.598
-168.7
500
0.780
173.8
8.87
81.7
0.030
68.3
0.603
-171.7
600
0.782
171.5
7.30
79.4
0.035
68.4
0.606
-173.9
700
0.782
169.3
6.20
77.4
0.040
68.2
0.609
-175.8
800
0.782
167.2
5.38
75.6
0.045
67.8
0.611
-177.4
900
0.782
165.1
4.74
74.0
0.050
67.4
0.614
-178.8
1000
0.782
163.2
4.24
72.5
0.055
66.9
0.615
179.9
1100
0.783
161.5
3.84
71.0
0.060
66.5
0.616
178.8
1200
0.783
159.7
3.50
69.5
0.065
65.5
0.617
177.8
1300
0.782
158.0
3.23
68.0
0.070
64.5
0.618
176.9
1400
0.781
156.1
3.00
66.5
0.075
63.9
0.619
175.9
1500
0.780
154.3
2.79
65.0
0.079
63.1
0.619
175.1
1600
0.782
152.7
2.62
63.7
0.084
62.3
0.620
174.5
1700
0.784
151.2
2.47
62.3
0.089
61.4
0.622
173.7
1800
0.783
149.7
2.32
60.9
0.093
60.3
0.621
172.9
1900
0.782
148.2
2.20
59.4
0.097
59.6
0.621
172.2
2000
0.779
146.6
2.10
58.0
0.102
58.5
0.620
171.7
2100
0.779
145.0
2.00
56.5
0.107
57.5
0.621
171.1
2200
0.780
143.4
1.92
55.1
0.111
56.5
0.620
170.4
2300
0.782
142.0
1.84
53.8
0.115
55.6
0.620
169.8
2400
0.782
140.7
1.76
52.5
0.120
54.6
0.619
169.2
2500
0.782
139.4
1.70
51.2
0.125
53.6
0.619
168.6
2600
0.779
137.8
1.64
49.6
0.129
52.5
0.618
168.0
2700
0.777
136.3
1.58
48.2
0.133
51.6
0.617
167.4
2800
0.777
134.7
1.53
46.7
0.137
50.5
0.616
166.8
2900
0.778
133.4
1.48
45.4
0.142
49.5
0.615
166.2
3000
0.779
132.1
1.44
44.1
0.146
48.4
0.615
165.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com