Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp 2SC5945 Datasheet HTML 30Page - Renesas Technology Corp 2SC5945 Datasheet HTML 31Page - Renesas Technology Corp 2SC5945 Datasheet HTML 32Page - Renesas Technology Corp 2SC5945 Datasheet HTML 33Page - Renesas Technology Corp 2SC5945 Datasheet HTML 34Page - Renesas Technology Corp 2SC5945 Datasheet HTML 35Page - Renesas Technology Corp 2SC5945 Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 33 of 35
S parameter
(VCE = 3.6 V, IC = 200 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.776
176.4
11.40
84.6
0.025
67.7
0.594
-168.5
500
0.777
173.9
8.99
81.8
0.030
67.8
0.599
-171.5
600
0.780
171.6
7.40
79.5
0.035
68.3
0.603
-173.7
700
0.780
169.4
6.28
77.5
0.040
68.2
0.606
-175.6
800
0.780
167.2
5.45
75.7
0.045
67.8
0.608
-177.3
900
0.780
165.2
4.81
74.1
0.050
67.1
0.610
-178.7
1000
0.780
163.3
4.30
72.6
0.055
66.6
0.612
-180.0
1100
0.781
161.5
3.89
71.1
0.060
66.4
0.613
178.9
1200
0.781
159.8
3.55
69.6
0.065
65.6
0.614
177.9
1300
0.780
158.0
3.27
68.1
0.070
64.6
0.615
177.0
1400
0.779
156.2
3.04
66.6
0.074
63.9
0.616
176.1
1500
0.779
154.4
2.83
65.1
0.079
63.1
0.616
175.2
1600
0.780
152.7
2.65
63.8
0.084
62.3
0.617
174.6
1700
0.782
151.2
2.50
62.4
0.089
61.2
0.619
173.8
1800
0.781
149.8
2.36
61.0
0.093
60.4
0.618
173.0
1900
0.780
148.3
2.23
59.5
0.097
59.5
0.618
172.4
2000
0.777
146.7
2.12
58.1
0.102
58.5
0.617
171.8
2100
0.778
145.0
2.03
56.6
0.107
57.5
0.617
171.2
2200
0.778
143.5
1.94
55.2
0.111
56.6
0.617
170.5
2300
0.780
142.0
1.86
53.9
0.115
55.7
0.617
169.9
2400
0.780
140.7
1.79
52.6
0.120
54.6
0.616
169.3
2500
0.780
139.4
1.72
51.2
0.124
53.6
0.615
168.8
2600
0.777
137.9
1.66
49.7
0.128
52.6
0.615
168.1
2700
0.776
136.3
1.60
48.2
0.133
51.5
0.614
167.5
2800
0.775
134.8
1.55
46.8
0.137
50.6
0.613
166.9
2900
0.776
133.4
1.50
45.5
0.142
49.5
0.612
166.3
3000
0.777
132.1
1.46
44.2
0.146
48.4
0.611
165.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com