Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5945 Datasheet HTML 1Page - Renesas Technology Corp 2SC5945 Datasheet HTML 2Page - Renesas Technology Corp 2SC5945 Datasheet HTML 3Page - Renesas Technology Corp 2SC5945 Datasheet HTML 4Page - Renesas Technology Corp 2SC5945 Datasheet HTML 5Page - Renesas Technology Corp 2SC5945 Datasheet HTML 6Page - Renesas Technology Corp 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev.3.00 Aug 03, 2006 page 1 of 35
2SC5945
Si NPN Epitaxial
High Frequency Medium Power Amplifier
REJ03G0443-0300
Rev.3.00
Aug 03, 2006
Features
• Excellent Linearity
P1dB at output = +26 dBm typ. f = 2.4 GHz
• High Collector to Emitter Voltage
VCEO = 5 V
• Ideal for 2 GHz Band applications. e.g 2.4 GHz WLAN, Digital cordless phone.
• 7 Pin, Lead less, Small mounting area (HWSON-6: 2.0 x 2.0 x 0.8 mm).
Outline
1. Collector
2. Collector
3. Collector
4. Emitter
5. Base
6. Emitter
7. Emitter
RENESAS Package code: PWSN0006JA-A
(Package name: HWSON-6 <TNP-6DTV>)
1
3
6
5
4
2
7
7
1
3
6
5
4
2
Note:
Marking is “5945”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
13
V
Collector to emitter voltage
VCEO
5
V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
500
mA
Collector power dissipation
Pc
1
Note
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
Value on PCB (40 x 40 x 1.0 mm)


Similar Part No. - 2SC5945

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC594 TOSHIBA-2SC594 Datasheet
176Kb / 2P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. VIDEO AMPLIFIER APPLICATIONS, HIGH SPEED SHITCHING APPLICATIONS.
logo
Panasonic Semiconductor
2SC5946 PANASONIC-2SC5946 Datasheet
159Kb / 2P
2SC5946
logo
Sanyo Semicon Device
2SC5947 SANYO-2SC5947 Datasheet
36Kb / 4P
NPN Triple Diffused Planar Silicon Transistor - Switching Regulator Applications
logo
Toshiba Semiconductor
2SC5948 TOSHIBA-2SC5948 Datasheet
152Kb / 5P
Silicon NPN Triple Diffused Type Power Amplifier Applications
2SC5948 TOSHIBA-2SC5948 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5945

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3419 TOSHIBA-2SC3419 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
Wing Shing Computer Com...
2SD525 WINGS-2SD525 Datasheet
69Kb / 1P
LOW FREQUENCY POWER AMPLIFIER(NPN EPITAXIAL)
logo
Hitachi Semiconductor
2SC5390 HITACHI-2SC5390 Datasheet
30Kb / 6P
Silicon NPN Epitaxial High Frequency Amplifier
logo
KEC(Korea Electronics)
KTC2803 KEC-KTC2803 Datasheet
237Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY HIGH FREQUENCY POWER AMPLIFIER)
logo
Hitachi Semiconductor
2SC3652 HITACHI-2SC3652 Datasheet
342Kb / 3P
SILICON NPN EPITAXIAL HIGH FREQUENCY AMPLIFIER
logo
Renesas Technology Corp
2SC5998 RENESAS-2SC5998 Datasheet
104Kb / 11P
Silicon NPN Epitaxial High Frequency Medium Power Amplifier
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
Renesas Technology Corp
HSG2001 RENESAS-HSG2001 Datasheet
253Kb / 25P
SiGe NPN Epitaxial High Frequency Medium Power Amplifier
logo
Sanyo Semicon Device
CPH6003A SANYO-CPH6003A Datasheet
64Kb / 5P
High-frequency Medium-power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com