Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp 2SC5945 Datasheet HTML 24Page - Renesas Technology Corp 2SC5945 Datasheet HTML 25Page - Renesas Technology Corp 2SC5945 Datasheet HTML 26Page - Renesas Technology Corp 2SC5945 Datasheet HTML 27Page - Renesas Technology Corp 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp 2SC5945 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 26 of 35
S parameter
(VCE = 3.6 V, IC = 10 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.747
-147.9
8.12
94.5
0.060
23.5
0.470
-122.0
500
0.750
-157.7
6.61
88.4
0.062
22.2
0.451
-131.0
600
0.754
-164.9
5.53
83.7
0.063
21.6
0.441
-137.6
700
0.756
-170.2
4.73
79.9
0.064
21.8
0.437
-142.7
800
0.759
-174.7
4.11
76.6
0.065
22.1
0.435
-146.8
900
0.761
-178.4
3.62
73.8
0.066
22.8
0.435
-150.1
1000
0.764
178.2
3.23
71.3
0.068
23.7
0.436
-152.9
1100
0.766
175.2
2.93
68.9
0.069
24.7
0.437
-155.3
1200
0.768
172.5
2.67
66.7
0.070
25.5
0.439
-157.3
1300
0.769
170.0
2.45
64.4
0.072
26.3
0.441
-158.9
1400
0.770
167.5
2.27
62.3
0.073
27.3
0.443
-160.4
1500
0.771
165.1
2.11
60.3
0.075
28.1
0.446
-161.7
1600
0.774
163.0
1.97
58.5
0.077
29.0
0.448
-162.9
1700
0.778
161.0
1.85
56.6
0.079
29.9
0.452
-163.9
1800
0.779
159.1
1.74
54.7
0.080
30.4
0.454
-164.8
1900
0.779
157.2
1.65
52.8
0.082
31.2
0.457
-165.7
2000
0.778
155.4
1.57
51.0
0.084
31.9
0.459
-166.3
2100
0.781
153.5
1.49
49.2
0.087
32.3
0.462
-167.0
2200
0.783
151.6
1.42
47.4
0.089
32.8
0.465
-167.7
2300
0.786
149.9
1.36
45.9
0.091
33.3
0.468
-168.3
2400
0.788
148.4
1.30
44.3
0.094
33.7
0.470
-168.9
2500
0.789
146.9
1.25
42.6
0.096
34.0
0.473
-169.4
2600
0.788
145.2
1.20
40.8
0.098
34.0
0.476
-170.0
2700
0.788
143.4
1.16
39.1
0.101
34.5
0.478
-170.5
2800
0.788
141.7
1.12
37.4
0.104
34.6
0.481
-171.1
2900
0.791
140.2
1.08
35.9
0.107
34.7
0.484
-171.6
3000
0.793
138.8
1.05
34.4
0.110
34.7
0.486
-172.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com