Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 30Page - Renesas Technology Corp M16C/1N Datasheet HTML 31Page - Renesas Technology Corp M16C/1N Datasheet HTML 32Page - Renesas Technology Corp M16C/1N Datasheet HTML 33Page - Renesas Technology Corp M16C/1N Datasheet HTML 34Page - Renesas Technology Corp M16C/1N Datasheet HTML 35Page - Renesas Technology Corp M16C/1N Datasheet HTML 36Page - Renesas Technology Corp M16C/1N Datasheet HTML 37Page - Renesas Technology Corp M16C/1N Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 22 of 222
M16C/1N Group
5. Reset
REJ09B0007-0100Z
5.2 Software Reset
Writing "1" to bit 3 of the processor mode register 0 (address 000416) applies a (software) reset to the
microcomputer. Set the PM03 bit to "1" after selecting on-chip oscillator for CPU's operating clock source.
A software reset has almost the same effect as a hardware reset. The contents of internal RAM are
preserved.
Figure 5.4 shows the processor mode register 0 and 1.
Figure 5.4 Processor mode register 0 and 1
b7
b6
b5 b4
b3
b2
b1
b0
0
0
Nothing is assigned.
In an attempt to write to this bit, write "0". The value, if read, turns out to be
indeterminate.
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to be
indeterminate.
The device is reset when this bit
is set to "1". The value of this bit
is "0" when read.
Note 1: Set bit 1 of the protect register (address 000A16) to "1" when writing new values to this register.
b7
b6
b5 b4
b3
b2
b1
b0
0
PM12
WDT interrupt/reset
switching bit
DATAROM area access
bit (Note 2)
Nothing is assigned.
In an attempt to write to this bit, write "0". The value, if read, turns out to be
indeterminate.
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to be
indeterminate.
0 : Watchdog timer interrupt
1 : Reset (Note 3)
Processor mode register 1 (Note 1)
Note 1: Set bit 1 of the protect register (address 000A16) to "1" when writing new values to this register.
Note 2: This bit is valid for the flash memory version. For the mask ROM version, this bit must be set to "0".
Note 3: After setting this bit to "1", can not change to "0" by software.
PM17
Wait bit
0 : No wait
1 : Wait
0 : Disabled
1 : Enabled
Processor mode register 0 (Note 1)
Reserved bit
PM03
Software reset bit
Set to "0"
PM10
Reserved bit
Set to "0"
Symbol
PM0
Address
000416
When reset
XXXX0X002
Symbol
PM1
Address
000516
When reset
00XXX0X02
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
Function
Bit name
Bit symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com