Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 53Page - Renesas Technology Corp M16C/1N Datasheet HTML 54Page - Renesas Technology Corp M16C/1N Datasheet HTML 55Page - Renesas Technology Corp M16C/1N Datasheet HTML 56Page - Renesas Technology Corp M16C/1N Datasheet HTML 57Page - Renesas Technology Corp M16C/1N Datasheet HTML 58Page - Renesas Technology Corp M16C/1N Datasheet HTML 59Page - Renesas Technology Corp M16C/1N Datasheet HTML 60Page - Renesas Technology Corp M16C/1N Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 45 of 222
M16C/1N Group
10. Interrupt
REJ09B0007-0100Z
10.1.2 Software Interrupts
A software interrupt is generated when an instruction is executed. The software interrupts are non-
maskable interrupts.
10.1.2.1 Undefined Instruction Interrupt
The undefined instruction interrupt is generated when the UND instruction is executed.
10.1.2.2 Overflow Interrupt
The overflow interrupt is generated when the INTO instruction is executed with the overflow flag (O
flag) set to "1". The following are instructions whose O flag changes by arithmetic:
ABS, ADC, ADCF, ADD, CMP, DIV, DIVU, DIVX, NEG, RMPA, SBB, SHA, SUB
10.1.2.3 BRK Interrupt
A BRK interrupt is generated when the BRK instruction is executed.
______
10.1.2.4 INT instruction Interrupt
______
______
______
An INT instruction interrupt is generated when the INT instruction is executed. The INT instruction
can select the software interrupt numbers 0 to 63. The software interrupt numbers 0 to 31 are
assigned to the peripheral function interrupt. Therefore, the microcomputer executes the same
______
interrupt routine when the INT instruction interrupt is executed as when a peripheral function inter-
rupt is generated.
______
The stack pointer (SP) used for the INT instruction interrupt is dependent on which software inter-
rupt number is involved.
So far as software interrupt numbers 0 to 31 are concerned, the microcomputer saves the stack
pointer assignment flag (U flag) when it accepts an interrupt request. If change the U flag to "0" and
select the interrupt stack pointer (ISP), and then execute an interrupt sequence. When returning
from the interrupt routine, the U flag is returned to the state it was before the acceptance of inter-
rupt request. So far as software numbers 32 to 63 are concerned, the stack pointer does not make
a shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com