Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 87Page - Renesas Technology Corp M16C/1N Datasheet HTML 88Page - Renesas Technology Corp M16C/1N Datasheet HTML 89Page - Renesas Technology Corp M16C/1N Datasheet HTML 90Page - Renesas Technology Corp M16C/1N Datasheet HTML 91Page - Renesas Technology Corp M16C/1N Datasheet HTML 92Page - Renesas Technology Corp M16C/1N Datasheet HTML 93Page - Renesas Technology Corp M16C/1N Datasheet HTML 94Page - Renesas Technology Corp M16C/1N Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 79 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
FFFF16
n
000016
n = high-level: the contents of Timer X reload register, low-level: the contents of Prescaler X reload register
Count stop
Set to "1" by software
Count start
Underflow
Count start flag
Measurement pulse
(CNTR0 pin input)
CNTR0 interrupt
request bit
Conditions: "H" level width of measurement pulse is measured. (R0EDG=1)
"1"
"0"
Timer X interrupt
request bit
Cleared to "0" when interrupt request is accepted, or cleared by software
"H"
"L"
"1"
"0"
"1"
"0"
Count stop
Count restart
Time
Cleared to "0" when interrupt request is accepted, or cleared by software
Figure 12.10 Operation example in pulse width measurement mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com