Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 61Page - Renesas Technology Corp M16C/1N Datasheet HTML 62Page - Renesas Technology Corp M16C/1N Datasheet HTML 63Page - Renesas Technology Corp M16C/1N Datasheet HTML 64Page - Renesas Technology Corp M16C/1N Datasheet HTML 65Page - Renesas Technology Corp M16C/1N Datasheet HTML 66Page - Renesas Technology Corp M16C/1N Datasheet HTML 67Page - Renesas Technology Corp M16C/1N Datasheet HTML 68Page - Renesas Technology Corp M16C/1N Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 53 of 222
M16C/1N Group
10. Interrupt
REJ09B0007-0100Z
10.1.5.4 Rewrite the Interrupt Control Register
To rewrite the interrupt control register, do so at a point that does not generate the interrupt request
for that register. If there is possibility of the interrupt request occur, rewrite the interrupt control
register after the interrupt is disabled. The program examples are described as follow:
Example 1:
INT_SWITCH1:
FCLR
I
; Disable interrupts.
AND.B
#00h, 0055h
; Clear T1IC int. priority level and int. request bit.
NOP
;
NOP
FSET
I
; Enable interrupts.
Example 2:
INT_SWITCH2:
FCLR
I
; Disable interrupts.
AND.B
#00h, 0055h
; Clear T1IC int. priority level and int. request bit.
MOV.W
MEM, R0
; Dummy read.
FSET
I
; Enable interrupts.
Example 3:
INT_SWITCH3:
PUSHC
FLG
; Push Flag register onto stack
FCLR
I
; Disable interrupts.
AND.B
#00h, 0055h
; Clear T1IC int. priority level and int. request bit.
POPC
FLG
; Enable interrupts.
The reason why two NOP instructions or dummy read are inserted before FSET I in Examples 1 and 2 is
to prevent the interrupt enable flag I from being set before the interrupt control register is rewritten due to
effects of the instruction queue.
When a instruction to rewrite the interrupt control register is executed but the interrupt is disabled,
the interrupt request bit is not set sometimes even if the interrupt request for that register has been
generated. This will depend on the instruction. If this creates problems, use the below instructions
to change the register.
Instructions : AND, OR, BCLR, BSET
Changing the interrupt request bit
When attempting to clear the interrupt request bit of an interrupt control register, the interrupt
request bit is not cleared sometimes. This will depend on the instruction. If this creates problems,
use the below instructions to change the register.
Instructions : MOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com