Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 10Page - Renesas Technology Corp M16C/1N Datasheet HTML 11Page - Renesas Technology Corp M16C/1N Datasheet HTML 12Page - Renesas Technology Corp M16C/1N Datasheet HTML 13Page - Renesas Technology Corp M16C/1N Datasheet HTML 14Page - Renesas Technology Corp M16C/1N Datasheet HTML 15Page - Renesas Technology Corp M16C/1N Datasheet HTML 16Page - Renesas Technology Corp M16C/1N Datasheet HTML 17Page - Renesas Technology Corp M16C/1N Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 2 of 222
M16C/1N Group
1. Overview
REJ09B0007-0100Z
Item
Performance
Number of basic instructions
91 instructions
Shortest instruction execution time
62.5 ns (when f(XIN)=16MHz)
Memory
ROM
See Table 1.2 Performance overview
size
RAM
See Table 1.2 Performance overview
I/O port
P0 to P5: 37 lines
Multifunction
T1
8 bits x 1
timer
TX, TY, TZ
8 bits x 3
TC
16 bits x 1
Serial I/O (UART or clock synchronous) x 2
A/D converter
x 12 channels
(maximum resolution: 10 bits)
(Expandable up to 14 channels)
D/A converter
8 bits x 1
CAN controller
1 channel, 2.0B active
Watchdog timer
15 bits x 1 (with prescaler)
Interrupts
15 internal causes, 8 external causes, 4 software causes
Clock generating circuits
3 internal circuits
Power supply voltage
4.2 V to 5.5V (when f(XIN)=16MHz)
Power consumption
70mW(VCC=5.0V, f(XIN)=16MHz)
I/O
I/O withstand voltage 5V
characteristics Output current
5mA (10mA:LED drive port)
Device configuration
CMOS silicon gate
Package
48-pin LQFP
Table 1.1 Performance overview
1.2 Performance Overview
Table 1.1 gives an overview of the M16C/1N group performance specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com