Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 88Page - Renesas Technology Corp M16C/1N Datasheet HTML 89Page - Renesas Technology Corp M16C/1N Datasheet HTML 90Page - Renesas Technology Corp M16C/1N Datasheet HTML 91Page - Renesas Technology Corp M16C/1N Datasheet HTML 92Page - Renesas Technology Corp M16C/1N Datasheet HTML 93Page - Renesas Technology Corp M16C/1N Datasheet HTML 94Page - Renesas Technology Corp M16C/1N Datasheet HTML 95Page - Renesas Technology Corp M16C/1N Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 80 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Table 12.7 Specifications of pulse period measurement mode
0
0
10
b7
b6
b5
b4
b3
b2
b1
b0
Timer X mode register
TXMOD0
TXMOD1
Operation mode
select bit 0, 1
(Note 1)
0 0 : Pulse period measurement mode
1 : Pulse period measurement mode
R0EDG
CNTR0 polarity
switching bit
(Note 1)
TXS
Operation mode
select bit 2 (Note 1)
Timer X count
start flag (Note 3)
0 : Stops counting
1 : Starts counting
0 : No effectual edge
1 : Effectual edge found
0 : No under flow
1 : Under flow found
TXMOD2
TXOCNT
0 : In pulse period measurement mode, set to "0"
Symbol
TXMR
Address
008B16
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
b1 b0
0 : Measures a measurement pulse from one
rising edge to the next rising edge
(Interrupt at rising edge)
1 : Measures a measurement pulse from one
falling edge to the next falling edge
(Interrupt at falling edge)
P30/TXOUT
select bit
TXEDG
Effectual edge
reception flag (Note 2)
TXUND
Timer X under
flow flag (Note 2)
Note 1: This bit should rewrite with inhibiting the CNTR0 interrupt. When using the interrupt, the interrupt must be enabled
after clearing the CNTR0 interrupt request bit to "0" using a MOV instruction.
Note 2: These bits are set to "0" by writing a "0" in a program. (Writing a "1" has no effect.)
Nothing is assigned to the pod probe for M16C/1N group (M301N2T-PRB).
Note 3: Execute the MOV instruction when stopping the timer X while pulse period measurement mode.
Note 1: Avoid a shorter period pulse input than double prescaler X period. Longer pulse for H width and L width than the
prescaler X period should be input to the CNTR0 pin. If shorter pulse than the period is input to the CNTR0 pin,
the input may be disabled.
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• Down count
• After valid edge of measurement pulse is input, the timer X reloads contents in the
reload register and continues counting in underflow of the second prescaler X.
Count start condition
Count start flag is set (=1)
Count stop condition
Count start flag is reset (=0)
Interrupt request generation timing • When Timer X underflows [Timer X interruption]
• Rising (R0EDG=0) or falling (R0EDG=1) of CNTR0 input [CNTR0 interruption or timer X interrupt]
CNTR0 pin function
Measurement pulse input (Note 1)
TXOUT pin function
Programmable I/O port
Read from timer
When reading Timer X register, the count value of buffer for read purpose can be read
out. The buffer of read purpose retains the content of Timer X register upon an active
edge of measurement pulse, and starts to read the content of Timer X register by reading
Timer X.
Write to timer
When a value is written to Timer X register, it is written to both reload register and counter.
Same applies to Prescaler X register.
Select function
• CNTR0 polarity switching function
The measurement period of pulse input can be selected to be a period from one rising
edge to the next rising edge or from one falling edge to the next falling edge by software.
12.2.5 Pulse Period Measurement Mode
In this mode, the timer measures the pulse period of an external signal fed to CNTR0 pin.
Table 12.7 lists specifications of pulse period measurement mode. Figure 12.11 shows the Timer X
mode register in pulse period measurement mode. Figure 12.12 shows the operation example.
Figure 12.11 Timer X mode register in pulse period measurement mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com