Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 92Page - Renesas Technology Corp M16C/1N Datasheet HTML 93Page - Renesas Technology Corp M16C/1N Datasheet HTML 94Page - Renesas Technology Corp M16C/1N Datasheet HTML 95Page - Renesas Technology Corp M16C/1N Datasheet HTML 96Page - Renesas Technology Corp M16C/1N Datasheet HTML 97Page - Renesas Technology Corp M16C/1N Datasheet HTML 98Page - Renesas Technology Corp M16C/1N Datasheet HTML 99Page - Renesas Technology Corp M16C/1N Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 84 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Note 1: When setting this bit to "1", the prescaler Y register must be set to "0016".
Note 2: When setting this bit to "1", the prescaler Z register must be set to "0016".
Note 3: When setting this bit to "1", this bit must be set to "1" after setting the INT0 input enable bit (bit 0 at address 009616), the
INT0 input polarity select bit (bit 1 at address 009616), the INT0 input filter select bits (bits 0 and 1 at address 001E16)
and the INT0 pin one-shot trigger polarity select bit.
Note 4: This bit is valid only when the INT0 input polarity select bit (bit 1 at address 009616) is "0" (one-edge).
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z waveform output control register
TYPUM0
Timer Y primary
waveform extension
control bit
0 : No waveform extension
1 : Waveform extension (Note 1)
TYPUM1
Timer Y secondary
waveform extension
control bit
0 : No waveform extension
1 : Waveform extension (Note 1)
TZPUM0
Timer Z primary
waveform extension
control bit
0 : No waveform extension
1 : Waveform extension (Note 2)
TZPUM1
Timer Z secondary
waveform extension
control bit
0 : No waveform extension
1 : Waveform extension (Note 2)
TYOPL
Timer Y output level
latch
Function varies depending on the operation mode
TZOPL
Timer Z output level
latch
Function varies depending on the operation mode
INOSTG
INT0 pin one-shot
trigger control bit
(Timer Z)
0 : INT0 pin one-shot trigger invalid
1 : INT0 pin one-shot trigger valid (Note 3)
INOSEG
INT0 pin one-shot
trigger polarity select bit
(Note 4)
(Timer Z)
0 : Edge trigger at falling edge
1 : Edge trigger at rising edge
Symbol
PUM
Address
008416
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
Note 1: Avoid switching a count source, while a counter is in progress. Timer counter should be stopped before switching a
counter source.
Note 2: The waveform extend function cannot be used when selecting f1 for count source.
Note 3: When attempting to select on-chip oscillator output, set the on-chip oscillation enable bit (CM14) of the system clock
control register (address 000716) for oscillation enabled.
Note 4: The waveform extend function cannot be used when selecting Timer Y underflow and f1 for count source.
Both the Timer Y primary underflow and the Timer Y secondary underflow are counted when selecting the Timer Y
underflow for count source.
b7
b6
b5 b4
b3
b2
b1
b0
Timer count source setting register
TXCK0
TXCK1
Timer X count source
select bit (Note 1)
Symbol
TCSS
Address
008E16
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b1 b0
TYCK0
TYCK1
Timer Y count source
select bit (Note 1, 2)
0 0 : f1
0 1 : f8
1 0 : On-chip oscillator output (Note 3)
1 1 : fC32
b3 b2
TZCK0
TZCK1
Timer Z count source
select bit (Note 1, 4)
0 0 : f1
0 1 : f8
1 0 : Timer Y underflow
1 1 : fC32
b5 b4
T1CK0
T1CK1
Timer 1 count source
select bit
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
Figure 12.16 Timer Y-related registers (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com