Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 68Page - Renesas Technology Corp M16C/1N Datasheet HTML 69Page - Renesas Technology Corp M16C/1N Datasheet HTML 70Page - Renesas Technology Corp M16C/1N Datasheet HTML 71Page - Renesas Technology Corp M16C/1N Datasheet HTML 72Page - Renesas Technology Corp M16C/1N Datasheet HTML 73Page - Renesas Technology Corp M16C/1N Datasheet HTML 74Page - Renesas Technology Corp M16C/1N Datasheet HTML 75Page - Renesas Technology Corp M16C/1N Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 60 of 222
M16C/1N Group
10. Interrupt
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
b7
b6
b5 b4
b3
b2
b1
b0
External input enable register
INT0EN
INT0 input enable bit (Note 1)
0 : Disabled
1 : Enabled
INT0F0
INT0F1
INT0 input filter select bit
INT0PL
INT0 input polarity select bit
(Note 1)
0 : One edge
1 : Two edges
INT1EN
INT1 input enable bit
0 : Disabled
1 : Enabled
INT1PL
INT1 input polarity select bit
0 : One edge
1 : Two edges
INT2EN
INT2 input enable bit
0 : Disabled
1 : Enabled
INT2PL
INT2 input polarity select bit
0 : One edge
1 : Two edges
INT3EN
INT3 input enable bit
0 : Disabled
1 : Enabled
INT0F2
UART0 receive hardware
interrupt enable bit (Note 1)
0 : Disabled
1 : Enabled
INT3PL
INT3 input polarity select bit
0 : One edge
1 : Two edges
Nothing is assigned.
When write, nothing can be written. When read, their contents are indeterminate.
Symbol
INTEN
Address
009616
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
INT0 input filter select register
Symbol
INT0F
Address
001E16
When reset
XXXXX0002
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 0 : No filter
0 1 : Filter with f1 sampling
1 0 : Filter with f8 sampling
1 1 : Filter with f32 sampling
b1 b0
Note 1: Interrupts used for debugging purposes only. Be sure to set "0" to this bit.
Note 1: This bit must be set in condition of the INT0 pin one-shot trigger control bit (bit 6 at address 008416)="0"
(INT0 pin one-shot trigger invalid).
______
10.2 INT Interrupt
________
10.2.1 INT0 Interrupt
INT0 to INT3 are triggered by the edges of external inputs. The edge polarity of INT0 to INT2 is selected
using the polarity select bit (bit 4 at addresses 005D16, 005E16 and 005F16). Input to INT0 is available
via filter with three different sampling frequencies.
As to external interrupt input, an interrupt can be generated both at the rising edge and at the falling
________
edge by setting the INTi (i=0 to 3) input polarity select bit of the external input enable register (address
009616) to "1". To select both edges, set the polarity switching bit of the corresponding interrupt con-
trol register to "0" (falling edge). To select one edge, set the polarity switching bit of the corresponding
interrupt control register to either "1" (raising edge) or "0" (falling edge). Please note that when one
edge is selected using INT3, the polarity will be a falling edge.
After setting the external input enable register, clear the interrupt request bit, and then enable the
corresponding input interrupt. Moreover, you should write to the external input enable bit only under
conditions where the corresponding input interrupt is disabled.
Figure 10.10 shows the external input related registers.
Figure 10.10 External input related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com