Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 70Page - Renesas Technology Corp M16C/1N Datasheet HTML 71Page - Renesas Technology Corp M16C/1N Datasheet HTML 72Page - Renesas Technology Corp M16C/1N Datasheet HTML 73Page - Renesas Technology Corp M16C/1N Datasheet HTML 74Page - Renesas Technology Corp M16C/1N Datasheet HTML 75Page - Renesas Technology Corp M16C/1N Datasheet HTML 76Page - Renesas Technology Corp M16C/1N Datasheet HTML 77Page - Renesas Technology Corp M16C/1N Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 62 of 222
M16C/1N Group
10. Interrupt
REJ09B0007-0100Z
10.3 CNTR0 Interrupt
A CNTR0 interrupt is generated from the selected edge polarity, a rising or a falling edge, of the CNTR0
input signal. The edge polarity is selected using the CNTR0 polarity select bit (bit 2 at address 008B16).
When using the CNTR0 interrupt, the port P17 direction register should be set to input.
When the pulse output mode of timer X is selected, the CNTR0 pin functions as a pulse output pin. In this
case, a CNTR0 interrupt occurs by a falling or rising edge output from the CNTR0 pin. The port P17
direction register should else be set to input at this time.
Figure 10.12 shows the timer X mode register.
Note 1: In the pulse output mode, the direction register of port P17 should be set to input.
Note 2: This bit should rewrite with inhibiting the CNTR0 interrupt. To use all interrupt, enable an interrupt after the CNTR0
interrupt request bit is cleared with the MOV instruction.
Note 3: Nothing is assigned to the pod probe for M16C/1N group (M301N2T-PRB).
b7
b6
b5 b4
b3
b2
b1
b0
Timer X mode register
TXMOD0
TXMOD1
Operation mode
select bit 0, 1
(Note 2)
R0EDG
CNTR0 polarity
switching bit (Note 2)
TXS
Timer X count
start flag
0 : Stops counting
1 : Starts counting
0 : Rising edge
1 : Falling edge
TXOCNT
P30/TXOUT
select bit
Function varies with each operation mode
TXMOD2
Operation mode
select bit 2
0 : Except in pulse period measurement mode
1 : Pulse period measurement mode
TXEDG
Effectual edge
reception flag (Note 3)
Function varies with each operation mode
TXUND
Timer X under flow
flag (Note 3)
Function varies with each operation mode
Symbol
TXMR
Address
008B16
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
b1 b0
0 0 : Timer mode or
pulse period measurement mode
0 1 : Pulse output mode (Note 1)
1 0 : Event counter mode
1 1 : Pulse width measurement mode
Figure 10.12 Timer X mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com