Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 11Page - Renesas Technology Corp M16C/1N Datasheet HTML 12Page - Renesas Technology Corp M16C/1N Datasheet HTML 13Page - Renesas Technology Corp M16C/1N Datasheet HTML 14Page - Renesas Technology Corp M16C/1N Datasheet HTML 15Page - Renesas Technology Corp M16C/1N Datasheet HTML 16Page - Renesas Technology Corp M16C/1N Datasheet HTML 17Page - Renesas Technology Corp M16C/1N Datasheet HTML 18Page - Renesas Technology Corp M16C/1N Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 3 of 222
M16C/1N Group
1. Overview
REJ09B0007-0100Z
R0L
R0H
R0L
R0H
R1H
R1L
R2
R3
A0
A1
FB
SB
ISP
USP
INTB
FLG
PC
Timer
Timer 1 (8 bits)
Timer X (8 bits)
Timer Y (8 bits)
Timer Z (8 bits)
Timer C (16 bits)
Internal peripheral functions
Watchdog timer
(15 bits)
A/D converter
(10 bits X 12 channels,
expandable to 14 channels)
UART/clock synchronous SI/O
(8 bits X 2 channels)
System clock generator
XIN-XOUT
XCIN-XCOUT
On-chip oscillation
M16C/60 series 16-bit CPU core
I/O ports
8
Port P0
8
Port P1
2
Port P2
8
Port P4
Registers
Stack pointers
Vector table
Multiplier
Memory
ROM
(Note 1)
RAM
(Note 2)
Program counter
Note 1: ROM size depends on MCU type.
Note 2: RAM size depends on MCU type.
D/A converter
(8 bits X 1 channel)
Flag register
8
Port P3
3
Port P5
CAN controller (1 channel)
1.3 Block Diagram
Figure 1.1 shows block diagram of the M16C/1N group.
Figure 1.1 Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com