Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 89Page - Renesas Technology Corp M16C/1N Datasheet HTML 90Page - Renesas Technology Corp M16C/1N Datasheet HTML 91Page - Renesas Technology Corp M16C/1N Datasheet HTML 92Page - Renesas Technology Corp M16C/1N Datasheet HTML 93Page - Renesas Technology Corp M16C/1N Datasheet HTML 94Page - Renesas Technology Corp M16C/1N Datasheet HTML 95Page - Renesas Technology Corp M16C/1N Datasheet HTML 96Page - Renesas Technology Corp M16C/1N Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 81 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Figure 12.12 Operation example in pulse width measurement mode
Count start flag
"1"
Measurement pulse
(CNTR0 pin input)
"0"
"1"
"0"
Cleared to "0" when interrupt request is accepted, or cleared by software
Conditions: A period from one rising edge to the next rising edge of measurement pulse is measured. (R0EDG=0)
Cleared to "0" when interrupt request is accepted, or cleared by software
Timer X=0F16
fPX
Timer X contents
0F16
0D16 0F16 0E16 0D16 0C16 0B16
0916 0F16 0E16
0116 0016 0F16 0E16
Contents of read
purpose buffer
(Note 1)
XX16
0B16
0916
Timer X
reloads
Timer X
reloads
Timer X
reloads
0D16
0116
0F16 0E16
Timer X
Read by software
(Note 3)
Effectual edge
reception flag
"1"
"0"
(Note 2)
(Note 2)
Cleared to "0" by software (Note 4)
Timer X
underflow flag
"1"
"0"
Cleared to "0" by software (Note 5)
(Note 6)
Timer X interrupt
request bit
"1"
"0"
CNTR0 interrupt
request bit
"1"
"0"
0A16
0A16
0016
0E16
Hold
Note 1: If timer X is read out in pulse period measurement mode, the contents of the read purpose buffer can be read.
Note 2: After an active edge of measurement pulse is input, effectual edge reception flag (TXEDG) is set to "1" when the prescaler
X underflows for the second time.
Note 3: The timer X should be read out before the next active edge is input after TXEDG is set to "1". If the timer X is not read
before the next active edge is input, the value in the read purpose buffer remains unchanged and therefore is not updated
on an active edge.
Note 4: When set to "0" by software, use a MOV instruction to write "0" to the bit 6 (TXEDG) in the timer X mode register (008B16).
At the same time, write "1" to the bit 7 (TXUND).
Note 5: When set to "0" by software, use a MOV instruction to write "0" to the bit 7 (TXUND) in the timer X more register (008B16).
At the same time, write "1" to the bit 6 (TXEDG).
Note 6: If the timer X underflow flag (TXUND) and TXEDG are both set to "1". In this case, the validity of TXUND should be judged
by the contents of the read purpose buffer.
Note 7: When setting the timer X count start flag to "1", the timer X interrupt request bit and the effectual edge reception flag may
become "1".
Thus, the timer X interrupt must be enabled after setting the timer X count flag to "1" and clearing the timer X interrupt
request bit and the effectual edge reception flag to "0" with inhibiting the timer X interrupt.
Set to "1" by software (Note 7)
Count start
Timer X
Dummy read (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com