Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 96Page - Renesas Technology Corp M16C/1N Datasheet HTML 97Page - Renesas Technology Corp M16C/1N Datasheet HTML 98Page - Renesas Technology Corp M16C/1N Datasheet HTML 99Page - Renesas Technology Corp M16C/1N Datasheet HTML 100Page - Renesas Technology Corp M16C/1N Datasheet HTML 101Page - Renesas Technology Corp M16C/1N Datasheet HTML 102Page - Renesas Technology Corp M16C/1N Datasheet HTML 103Page - Renesas Technology Corp M16C/1N Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 88 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z mode register
TYMOD0
Nothing is assigned.
When write, set "0". When read, the content is indeterminate.
Timer Y operation
mode bit
Timer Y write
control bit
TYWC
Symbol
TYZMR
Address
008016
When reset
000000X02
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
1 : Programmable waveform generation mode
(Note 1)
TYS
Timer Y count
start flag
TZMOD0
TZMOD1
TZWC
TZS
Timer Z-related bit
0 : Stops counting (Note 2)
1 : Starts counting
11
Note 1: Output is set for Port P32 regardless of the value of the direction register.
Note 2: When this bit is cleared to "0", the timer reloads the content of the reload register before it stops. Read out the
count value before you stop the timer.
1 : Set to "1" in programmable waveform
generation mode
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z waveform output control register
TYPUM0
Timer Y primary
waveform extension
control bit
Symbol
PUM
Address
008416
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 : No waveform extension
1 : Waveform extension (Note 1, 2)
TYPUM1
Timer Y secondary
waveform extension
control bit
TZPUM0
Timer Z-related bits
TZOPL
Timer Z-related bits
INOSTG
INOSEG
TZPUM1
0 : No waveform extension
1 : Waveform extension (Note 1, 2)
TYOPL
Timer Y output level
latch
Note 1: When setting this bit to "1", the Prescaler Y Register must be set to "0016".
Note 2: The waveform extend function cannot be used when selecting f1 for count source.
0 : Outputs "H" for the period set by Timer Y primary and
"L" for the period set by Timer Y secondary.
"L" is outputted when the timer is stopped.
1 : Outputs "L" for the period set by Timer Y primary and
"H" for the period set by Timer Y secondary.
"H" is outputted when the timer is stopped.
Figure 12.18 Timer Y, Z mode register and Timer Y, Z waveform output control register in
programmable waveform generation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com