Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 97Page - Renesas Technology Corp M16C/1N Datasheet HTML 98Page - Renesas Technology Corp M16C/1N Datasheet HTML 99Page - Renesas Technology Corp M16C/1N Datasheet HTML 100Page - Renesas Technology Corp M16C/1N Datasheet HTML 101Page - Renesas Technology Corp M16C/1N Datasheet HTML 102Page - Renesas Technology Corp M16C/1N Datasheet HTML 103Page - Renesas Technology Corp M16C/1N Datasheet HTML 104Page - Renesas Technology Corp M16C/1N Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 89 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Set to "1" by
software
Count start flag
The contents of Timer Y
TYOUT pin output
"1"
"0"
Timer Y interrupt
request bit
"H"
"L"
"1"
"0"
"1"
"0"
0216
0316
0116
0016
0216
0116
0016
0316
0216
0116
0016
0216
0116
Count start
fPY
Timer Y output
level latch
Cleared to "0"
by software
Timer Y
secondary
reload
Timer Y
primary
reload
Timer Y
secondary
reload
Cleared to "0" when interrupt
request is accepted,
or cleared by software
Waveform
output started
Waveform
output inverted
Waveform
output inverted
(Note 1)
Waveform
output inverted
Initialized to "L"
Secondary waveform
extended
Note 1: The waveform output in the secondary period is inverted after 0.5 clock (1 clock when
secondary waveform extended) of fPY from occurrence of Timer Y interrupt request.
Conditions: Timer Y primary=0316, Timer Y primary waveform not extended,
Timer Y secondary=0216, Timer Y secondary waveform extended,
Timer Y output level latch [TYOPL]=0
Figure 12.19 Timer Y operation example in programmable waveform generation mode
Programmable waveform generation output switching function
When the Timer Y programmable waveform generation output switching bit (bit 1 at address 008A16)
is set to 0, the output from TYOUT is inverted synchronously when the Timer Y secondary underflows.
And when set to 1, the Port P32 register value is output from TYOUT synchronously when the Timer Y
secondary underflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com