Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 98Page - Renesas Technology Corp M16C/1N Datasheet HTML 99Page - Renesas Technology Corp M16C/1N Datasheet HTML 100Page - Renesas Technology Corp M16C/1N Datasheet HTML 101Page - Renesas Technology Corp M16C/1N Datasheet HTML 102Page - Renesas Technology Corp M16C/1N Datasheet HTML 103Page - Renesas Technology Corp M16C/1N Datasheet HTML 104Page - Renesas Technology Corp M16C/1N Datasheet HTML 105Page - Renesas Technology Corp M16C/1N Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 90 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Timer Z primary
(address 008716)
Clock source
selection
f1
f8
Timer Y underflow
fC32
Toggle flip-flop
Port P31 register
Timer Z programmable
waveform output
switching bit
Timer Z output
level latch
Timer Z count
start flag
Timer Z interrupt
request bit
Timer Z secondary
(address 008616)
TZOUT
INT0
Q
T
"0"
"1"
"1"
Q
"0"
Peripheral data bus
Reload register (8)
Reload register (8)
Reload register (8)
Timer Z (address 008716)
Counter (8)
Counter (8)
Prescaler Z (address 008516)
Programmable one-shot generation mode
Programmable wait one-shot generation mode
Timer Z one-shot start bit
INT0 input enable bit
INT0 input polarity select bit
One edge/ both edges
input polarity select
Digital
filter
Polarity
select
INT0 one-shot trigger
polarity select bit
fPZ
Programmable waveform generation mode
Programmable one-shot generation mode
Programmable wait one-shot generation mode
12.4 Timer Z
Timer Z is an 8-bit timer with an 8-bit prescaler and has two reload registers - Timer Z Primary and Timer
Z Secondary.
Timer Z has the four operation modes listed as follows:
• Timer mode: The timer counts an internal count source (clock source) or Timer Y underflow.
• Programmable waveform generation mode: The timer outputs pulses of a given width successively.
• Programmable one-shot generation mode: The timer outputs one-shot pulse.
• Programmable wait one-shot generation mode: The timer outputs delayed one-shot pulse.
Figure 12.20 shows the block diagram of Timer Z. Figures 12.21 to 12.24 show the Timer Z-related
registers.
Figure 12.20 Block diagram of Timer Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com