Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 39Page - Renesas Technology Corp M16C/1N Datasheet HTML 40Page - Renesas Technology Corp M16C/1N Datasheet HTML 41Page - Renesas Technology Corp M16C/1N Datasheet HTML 42Page - Renesas Technology Corp M16C/1N Datasheet HTML 43Page - Renesas Technology Corp M16C/1N Datasheet HTML 44Page - Renesas Technology Corp M16C/1N Datasheet HTML 45Page - Renesas Technology Corp M16C/1N Datasheet HTML 46Page - Renesas Technology Corp M16C/1N Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 31 of 222
M16C/1N Group
6. Clock Generation Circuit
REJ09B0007-0100Z
6.5 Power Control
There are three power control modes. All modes other than wait and stop modes are referred to as
normal operation mode.
6.5.1 Normal Operating Modes
Normal operation mode is further separated into five modes.
In normal operation mode, the CPU clock and the peripheral function clock are supplied to operate the
CPU and the peripheral function.
Power consumption control is enabled by controlling the CPU clock frequency. The higher the CPU
clock frequency, the more processing power increases. The lower the CPU clock frequency, the more
power consumption decreased. When unnecessary oscillator circuits stop, power consumption is fur-
ther reduced.
Before the clock sources for the CPU clock can be switched over, the new clock source after switching
needs to be stabilized and oscillated. If the new clock source is the main clock, allow sufficient wait
time in a program until an oscillation is stabilized. When the clock source for the CPU clock is changed
from the one-chip oscillator to the main clock, change the operation mode to the medium-speed mode
(divided-by-8 mode) after the clock was divided by 8 in on-chip oscillator mode.
6.5.1.1 High-speed Mode
The main clock divided-by-1 (undivided) provides the CPU clock. The peripheral functions operate
on the clocks specified for each respective function.
6.5.1.2 Medium-speed Mode
The main clock divided-by-2, -4, -8 or -16 provides the CPU clock. The peripheral functions oper-
ated on the clocks specified for each respective function. The main clock must be oscillating stably
before transferring from the main clock divided-by-8 to divided-by-1, -2 or -4 and the sub-clock
must be oscillating stably before transferring to low-speed or lower power-dissipation mode.
6.5.1.3 Low-speed Mode
The sub-clock provides the CPU clock. The peripheral functions operate on the clocks specified for
each respective function. Note that oscillation of both the main and sub-clocks must have stabi-
lized before transferring from this mode to another or vice versa. At least 2 to 3 seconds are
required after the sub-clock status. Therefore, the program must be written to wait until this clock
has stabilized immediately after powering up and after stop mode is cancelled.
6.5.1.4 Low Power-dissipation Mode
In this mode, the main clock is turned off after being placed in low speed mode. The sub-clock
provides the CPU clock. Only the peripheral functions for which the sub-clock was selected as the
count source continue to operate.
6.5.1.5 On-chip Oscillator Mode
The on-chip oscillator clock divided-by-1(undivided) -2,-4,-8, or -16 provides the CPU clock. The
on-chip oscillator clock is also the clock source for the peripheral function clocks. The higher divi-
sion and the main clock is turned off after being placed in on-chip oscillator mode, power consump-
tion is reduced further.
Table 6.2 lists the setting and mode of clock associated bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com