Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 43Page - Renesas Technology Corp M16C/1N Datasheet HTML 44Page - Renesas Technology Corp M16C/1N Datasheet HTML 45Page - Renesas Technology Corp M16C/1N Datasheet HTML 46Page - Renesas Technology Corp M16C/1N Datasheet HTML 47Page - Renesas Technology Corp M16C/1N Datasheet HTML 48Page - Renesas Technology Corp M16C/1N Datasheet HTML 49Page - Renesas Technology Corp M16C/1N Datasheet HTML 50Page - Renesas Technology Corp M16C/1N Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 35 of 222
M16C/1N Group
6. Clock Generation Circuit
REJ09B0007-0100Z
CM07="0" (Note 1)
CM06="1"
CM04="0"
CM04="1"
(Notes 1, 3)
CM04="0"
BCLK: f(XIN)/8
CM07="0" CM06="1"
CM22="0"
CM06="1"
BCLK: f(RING)/8
BCLK: f(RING)/8
CM07="0"
CM06="1"
CM05="1"
CM22="1"
CM07="0"
CM06="1"
CM05="0"
CM22="1"
BCLK: f(RING)/2
BCLK: f(RING)
CM07="0"
CM06="0"
CM05="1"
CM22="1"
CM16="0"
CM17="0"
CM22="1"
CM22="0"
(Note 1)
BCLK: f(RING)/16
BCLK: f(RING)/4
Transition of normal operation mode
Main clock is oscillating
Sub clock is stopped
Medium-speed mode (divided-by-8 mode)
Low-speed mode
High-speed mode
Main clock is oscillating
Sub clock is stopped
Main clock is stopped
Sub clock is oscillating
Main clock is oscillating
Sub clock is oscillating
Low power dissipation mode
BCLK : f(XIN)/2
CM07 = "0" CM06 = "0"
CM17 = "0" CM16 = "1"
Medium-speed mode
(divided-by-2 mode)
BCLK : f(XIN)/16
CM07 = "0" CM06 = "0"
CM17 = "1" CM16 = "1"
Medium-speed mode
(divided-by-16 mode)
BCLK : f(XIN)/4
CM07 = "0" CM06 = "0"
CM17 = "1" CM16 = "0"
Medium-speed mode
(divided-by-4 mode)
BCLK : f(XIN)
CM07 = "0" CM06 = "0"
CM17 = "0" CM16 = "0"
BCLK : f(XIN)/8
Medium-speed mode
(divided-by-8 mode)
CM07 = "0"
CM06 = "1"
High-speed mode
BCLK : f(XIN)/2
CM07 = "0" CM06 = "0"
CM17 = "0" CM16 = "1"
Medium-speed mod
(divided-by-2 mode)
BCLK : f(XIN)/16
CM07 = "0" CM06 = "0"
CM17 = "1" CM16 = "1"
Medium-speed mode
(divided-by-16 mode)
BCLK : f(XIN)/4
CM07 = "0" CM06 = "0"
CM17 = "1" CM16 = "0"
Medium-speed mode
(divided-by-4 mode)
BCLK : f(XIN)
CM07 = "0" CM06 = "0"
CM17 = "0" CM16 = "0"
BCLK : f(XCIN)
CM07 = "1"
CM06 = "1"
BCLK : f(XCIN)
CM07 = "1"
CM06 = "1"
Main clock is oscillating
Sub clock is oscillating
CM07 = "0"
(Notes 1, 3)
CM07 = "1"
CM06 = "1"
(Note 2, 5)
CM07 = "0" (Note 1)
CM06 = "0" (Note 3)
CM04 = "1"
CM05 = "0"
CM05 = "1"
CM04 = "0"
CM04 = "1"
CM06 = "0"
(Notes 1, 3)
Main clock is oscillating
Sub clock is stopped
On-chip oscillator mode (divided-by-8 mode)
Main clock is stopped
Sub clock is stopped
On-chip oscillator mode
CM05 = "0"
CM05 = "1"
8-division mode
1-division mode (Note 3)
2-division mode (Note 3)
16-division mode (Note 3)
4-division mode (Note 3)
CM07="0"
CM06="0"
CM05="1"
CM22="1"
CM16="1"
CM17="0"
CM07="0"
CM06="0"
CM05="1"
CM22="1"
CM16="1"
CM17="1"
CM07="0"
CM06="0"
CM05="1"
CM22="1"
CM16="0"
CM17="1"
Note 1: Switch clock after oscillation of main clock is sufficiently stable.
Note 2: Switch clock after oscillation of sub clock is sufficiently stable.
Note 3: Change CM17 and CM16 before changing CM06.
Note 4: Transit in accordance with arrow.
Note 5: Before switching BCLK to other from the main clock, divide the main clock by 8 for
safety purposes to switch BCLK to the main clock again.
Figure 6.9 State transition in normal operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com