Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 60Page - Renesas Technology Corp M16C/1N Datasheet HTML 61Page - Renesas Technology Corp M16C/1N Datasheet HTML 62Page - Renesas Technology Corp M16C/1N Datasheet HTML 63Page - Renesas Technology Corp M16C/1N Datasheet HTML 64Page - Renesas Technology Corp M16C/1N Datasheet HTML 65Page - Renesas Technology Corp M16C/1N Datasheet HTML 66Page - Renesas Technology Corp M16C/1N Datasheet HTML 67Page - Renesas Technology Corp M16C/1N Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 52 of 222
M16C/1N Group
10. Interrupt
REJ09B0007-0100Z
Interrupt priority
level select bit
Interrupt priority
level
Priority
order
Level 0
(interrupt disabled)
Level 1
Level 2
Level 3
Level 4
Level 5
Level 6
Level 7
Low
High
b2 b1 b0
Enabled interrupt priority levels
Interrupt levels 1 and above are enabled
Interrupt levels 2 and above are enabled
Interrupt levels 3 and above are enabled
Interrupt levels 4 and above are enabled
Interrupt levels 5 and above are enabled
Interrupt levels 6 and above are enabled
Interrupt levels 7 and above are enabled
All maskable interrupts are disabled
IPL2 IPL1IPL0
IPL
000
001
010
01
1
100
101
11
0
111
000
001
010
01 1
100
101
11 0
111
10.1.5.1 Interrupt Enable Flag (I flag)
The interrupt enable flag (I flag) controls the enabling and disabling of maskable interrupts. Setting
this flag to "1" enables all maskable interrupts; setting it to "0" disables all maskable interrupts.
This flag is set to "0" after reset.
10.1.5.2 Interrupt Request Bit
The interrupt request bit is set to "1" by hardware when an interrupt is requested. After the interrupt
is accepted and jumps to the corresponding interrupt vector, the request bit is set to "0" by hard-
ware. The interrupt request bit can also be set to "0" by software (Do not set this bit to "1").
10.1.5.3 Interrupt Priority Level Select Bit and Processor Interrupt Priority Level (IPL)
Set the interrupt priority level using the interrupt priority level select bit, which is one of the compo-
nent bits of the interrupt control register. When an interrupt request occurs, the interrupt priority
level is compared with the IPL. The interrupt is enabled only when the priority level of the interrupt
is higher than the IPL. Therefore, setting the interrupt priority level to "0" disables the interrupt.
Table 10.3 lists the settings of interrupt priority levels and Table 10.4 lists the interrupt levels en-
abled, according to the consist of the IPL.
The following are conditions under which an interrupt is accepted:
· interrupt enable flag (I flag) = 1
· interrupt request bit = 1
· interrupt priority level > IPL
The interrupt enable flag (I flag), the interrupt request bit, the interrupt priority select bit, and the IPL
are independent, and they are not affected by one another.
Table 10.3 Settings of interrupt priority levels
Table 10.4 Interrupt levels enabled according
to the contents of the IPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com