Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 33Page - Renesas Technology Corp M16C/1N Datasheet HTML 34Page - Renesas Technology Corp M16C/1N Datasheet HTML 35Page - Renesas Technology Corp M16C/1N Datasheet HTML 36Page - Renesas Technology Corp M16C/1N Datasheet HTML 37Page - Renesas Technology Corp M16C/1N Datasheet HTML 38Page - Renesas Technology Corp M16C/1N Datasheet HTML 39Page - Renesas Technology Corp M16C/1N Datasheet HTML 40Page - Renesas Technology Corp M16C/1N Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 25 of 222
M16C/1N Group
6. Clock Generation Circuit
REJ09B0007-0100Z
Note 1: Set bit 0 of the protect register (address 000A16) to "1" before writing to this register.
Note 2: fc32 is not included. Do not set to "1" when using low-speed, low power dissipation or on-chip oscillator mode.
Note 3: Changes to "1" when shifting to stop mode.
Note 4: This bit is used to stop the main clock when placing the device in a low-power mode. If you want to operate with XIN after
exiting from the stop mode, set this bit to "0". When operating with a self-excited oscillator, set the system clock select bit
(CM07) to "1" before setting this bit to "1".
Note 5: When inputting external clock, only clock oscillation buffer is stopped and clock input is acceptable.
Note 6: If this bit is set to "1", XOUT turns "H". The built-in feedback resistor remains being ON, so XIN turns pulled up to XOUT ("H")
via the feedback resistor.
Note 7: This bit changes to "1" when shifting from high-speed/medium-speed mode to stop mode and at a reset. When shifting from
low-speed/low power dissipation mode to stop mode, the value before stop mode is retained.
Note 8: Set port Xc select bit (CM04) to "1" before setting this bit to "1". Can not write to both bits at the same time.
Note 1: Set bit 0 of the protect register (address 000A16) to "1" before writing to this register.
Note 2: The mode of power control cannot be shifted on the stop mode directly from the on-chip oscillator.
If this bit is set to "1", XOUT turns "H", and the built-in feedback resistor is ineffective.
Note 3: This bit can be set to "1" only when both the main clock switch bit (CM22) and clock monitor bit (CM23) are set to "0".
Moreover, this bit is automatically set to "0" if the main clock switch bit (CM22) is set to "1".
Note 4: This bit changes to "1" when shifting from high-speed/middle-speed mode to stop mode or at reset. When shifting from low-
speed/low power dissipation mode to stop mode, the value before stop mode is retained.
Note 5: Can be selected when bit 6 of the system clock control register 0 (address 000616) is "0". If "1", division mode is fixed at 8.
b7
b6
b5 b4
b3
b2
b1
b0
0
0
b7
b6
b5 b4
b3
b2
b1
b0
0
0
0
CM07
CM05
CM04
CM03
CM02
CM06
Reserved bit
WAIT peripheral function
clock stop bit
XCIN-XCOUT drive capacity
select bit (Note 3)
Port XC select bit
System clock select bit
(Note 8)
Main clock division select
bit 0 (Note 7)
Main clock (XIN-XOUT)
stop bit (Note 4,5,6)
0 : Do not stop peripheral function clock in wait mode
1 : Stop peripheral function clock in wait mode (Note 2)
0 : LOW
1 : HIGH
All clock stop control bit
(Note 2)
0 : Clock on
1 : All clocks off (stop mode)
0 : I/O port
1 : XCIN-XCOUT generation
0 : On
1 : Off
0 : CM16 and CM17 valid
1 : Division by 8 mode
Set to
"0"
Reserved bit
Set to
"0"
0 : XIN, XOUT
1 : XCIN, XCOUT
CM10
On-chip oscillation stop bit 0 : Oscillation enabled
1 : Oscillation stopped (Note 3)
CM14
XIN-XOUT drive capacity
select bit (Note 4)
0 : LOW
1 : HIGH
CM15
Main clock division
select bit 1 (Note 5)
CM16
CM17
System clock control register 0 (Note 1)
Symbol
CM0
Address
000616
When reset
010010002
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
System clock control register 1 (Note 1)
Symbol
CM1
Address
000716
When reset
001000002
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 0 : No division mode
0 1 : Division by 2 mode
1 0 : Division by 4 mode
1 1 : Division by 16 mode
b7 b6
Figure 6.2 System clock control registers 0 and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com