Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 91Page - Renesas Technology Corp M16C/1N Datasheet HTML 92Page - Renesas Technology Corp M16C/1N Datasheet HTML 93Page - Renesas Technology Corp M16C/1N Datasheet HTML 94Page - Renesas Technology Corp M16C/1N Datasheet HTML 95Page - Renesas Technology Corp M16C/1N Datasheet HTML 96Page - Renesas Technology Corp M16C/1N Datasheet HTML 97Page - Renesas Technology Corp M16C/1N Datasheet HTML 98Page - Renesas Technology Corp M16C/1N Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 83 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z output control register
TZOS
Timer Z one-shot
start bit (Note 1)
TYOCNT
Timer Y programmable
waveform generation
output switching bit (Note 2)
0 : Outputs programmable waveform
1 : Outputs the value of P32 port register
TZOCNT
Timer Z programmable
waveform generation
output switching bit (Note 2)
0 : Outputs programmable waveform
1 : Outputs the value of P31 port register
0 : Stops one-shot
1 : Starts one-shot
Nothing is assigned.
When write, set "0". When read, their contents are "0".
Symbol
TYZOC
Address
008A16
When reset
XXXXX0002
RW
RW
RW
RW
Function
Bit name
Bit symbol
Note 1: This bit is automatically cleared to "0" when the output of one-shot waveform is completed. This bit should be set to
"0" by program when the one-shot waveform output is terminated by setting the count start flag to "0" during the
waveform output.
Note 2: This bit is valid only when operating in programmable waveform generation mode.
(Note 2)
b7
b0
Prescaler Y
Symbol
PREY
Address
008116
When reset
FF16
RW
RW
RW
Function
Values that can be set
0016 to FF16
0016 to FF16
(Note 1)
Note 1: When using the waveform extend function, set the value "0016" for the Prescaler Y.
b7
b0
Timer Y Primary
Symbol
TYPR
Address
008316
When reset
FF16
RW
RW
RW
Function
Values that can be set
0016 to FF16
0016 to FF16
Note 1: The values of Timer Y Primary and Timer Y Secondary are reloaded to the Timer Y alternately for counting.
b7
b0
Timer Y Secondary
Symbol
TYSC
Address
008216
When reset
FF16
RW
WO
Function
Values that can be set
0016 to FF16
Note 1: The values of Timer Y Primary and Timer Y Secondary are reloaded to the Timer Y alternately for counting.
Note 2: The count value can be read out by reading the Timer Y Primary even when the secondary period is being
counted.
Timer mode
Internal count source is counted
Programmable waveform generation mode
Internal count source is counted
Timer mode
Invalid
Programmable waveform generation mode
Underflow of Prescaler Y is counted (Note 1)
Timer mode
Underflow of Prescaler Y is counted
Programmable waveform generation mode
Underflow of Prescaler Y is counted (Note 1)
Figure 12.15 Timer Y-related registers (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com