Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 34Page - Renesas Technology Corp M16C/1N Datasheet HTML 35Page - Renesas Technology Corp M16C/1N Datasheet HTML 36Page - Renesas Technology Corp M16C/1N Datasheet HTML 37Page - Renesas Technology Corp M16C/1N Datasheet HTML 38Page - Renesas Technology Corp M16C/1N Datasheet HTML 39Page - Renesas Technology Corp M16C/1N Datasheet HTML 40Page - Renesas Technology Corp M16C/1N Datasheet HTML 41Page - Renesas Technology Corp M16C/1N Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 26 of 222
M16C/1N Group
6. Clock Generation Circuit
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
Clock prescaler reset flag
Symbol
CPSRF
Address
008F16
When reset
0XXXXXXX2
RW
RW
Function
Bit name
Bit symbol
CPSR
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to be
indeterminate.
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset
(When read, the value is "0")
CM20
CM21
CM22
CM23
Main clock switch bit
Oscillation stop detection
interrupt enable bit
Oscillation stop
detection bit
Clock monitor bit (Note 5)
Reserved bit
Set to "0"
Note 1: In case of writing to this register, set bit 0 of the protect register (address 000A16) to "1".
Note 2: Set to "0" before stopping the oscillation of the main clock (XIN-XOUT).
(stop mode, low power dissipation mode, on-chip oscillation mode)
An oscillation stop is detected if the oscillation of the main clock (XIN-XOUT) is stopped when the following
two conditions are satisfied: (1) the oscillation stop detection function is valid and (2) CM21=1.
Note 3: Valid when CM20=1.
Note 4: CM22 bit switches to "1" automatically if an oscillation stop is detected when both CM20 bit and CM 21 bit
are "1". CM22 bit cannot be cleared when CM23=1.
Note 5: This bit is valid when both CM20 bit is "1". Use this bit for the purpose of confirming XIN operation for
oscillation stop detection interrupt execution.
b7
b6
b5 b4
b3
b2
b1
b0
0
00
0
0 : XIN oscillating normally
1 : XIN stopping abnormally
0 : Select XIN clock
1 : Select on-chip oscillator (Note 4)
0 : Disabled
1 : Enabled (Note 3)
0 : The function is invalid
1 : The function is valid (Note 2)
Oscillation stop detection register (Note 1)
Symbol
CM2
Address
000C16
When reset
000001002
RW
RW
RW
RW
RO
RW
Function
Bit name
Bit symbol
Figure 6.3 Oscillation stop detection register and clock prescaler reset flag
Figure 6.4 fC32 block diagram
1/32
Reset
Clock prescaler
fC32
XCIN
Clock prescaler reset flag (bit 7
at address 008F16) set to "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com