Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 50Page - Renesas Technology Corp M16C/1N Datasheet HTML 51Page - Renesas Technology Corp M16C/1N Datasheet HTML 52Page - Renesas Technology Corp M16C/1N Datasheet HTML 53Page - Renesas Technology Corp M16C/1N Datasheet HTML 54Page - Renesas Technology Corp M16C/1N Datasheet HTML 55Page - Renesas Technology Corp M16C/1N Datasheet HTML 56Page - Renesas Technology Corp M16C/1N Datasheet HTML 57Page - Renesas Technology Corp M16C/1N Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 42 of 222
M16C/1N Group
9. Bus Control
REJ09B0007-0100Z
9. Bus Control
During access, the memory areas (ROM, RAM, FLASH, etc.) and the SFR area have different bus cycles.
The memory areas can be accessed in one cycle of the CPU operation clock BCLK. The SFR area can be
accessed in two cycles of BCLK.
Software wait states can be inserted to the memory areas by using the PM17 bit of the processor mode
register 1 (bit 7 at address 000516) (Note 1). When the PM17 bit is set to "0", the memory areas are
accessed in one cycle of BCLK. When the PM17 bit is set to "1", the memory areas are accessed in two
cycles of BCLK. The PM17 bit is "0" after the reset status is cancelled. The SFR area is not influenced by
the PM17 bit and is always accessed in two cycles of BCLK.
The Table 9.1 lists bus cycle for access areas. Figure 9.1 shows SFR area and memory areas.
Note 1: When rewriting the processor mode register 1, set the PRC1 bit of the protect register (bit 1 at
address 000A16) to "1".
0000016
XXXXX16
FFFFF16
0040016
YYYYY16
Internal ROM area
SFR area
(For details, refer to
4. SFR)
Internal RAM area
SFR area
Memory area
Table 9.1 Bus cycle for access areas
Figure 9.1 SFR area and memory areas
Area
SFR
Internal
ROM/RAM
PM17
0
Bus cycle
2 BCLK cycles
1 BCLK cycle
12 BCLK cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com