Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 83Page - Renesas Technology Corp M16C/1N Datasheet HTML 84Page - Renesas Technology Corp M16C/1N Datasheet HTML 85Page - Renesas Technology Corp M16C/1N Datasheet HTML 86Page - Renesas Technology Corp M16C/1N Datasheet HTML 87Page - Renesas Technology Corp M16C/1N Datasheet HTML 88Page - Renesas Technology Corp M16C/1N Datasheet HTML 89Page - Renesas Technology Corp M16C/1N Datasheet HTML 90Page - Renesas Technology Corp M16C/1N Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 75 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• Down count
• When the timer underflows, it reloads the reload register contents before continuing
counting
Divide ratio
n: Set value of Prescaler X, m: Set value of Timer X
Count start condition
Count start flag is set (=1)
Count stop condition
Count start flag is reset (=0)
Interrupt request generation timing When Timer X underflows [Timer X interruption]
CNTR0 pin function
Programmable I/O port or CNTR0 interrupt input pin
TXOUT pin function
Programmable I/O port
Read from timer
Count value can be read out by reading Timer X register.
Same applies to Prescaler X register.
Write to timer
When a value is written to Timer X register, it is written to both reload register and counter.
Same applies to Prescaler X register.
Table 12.3 Specifications of timer mode
b7
b6
b5 b4
b3
b2
b1
b0
Timer X mode register
TXMOD0
TXMOD1
Operation mode
select bit 0, 1
(Note 1)
R0EDG
CNTR0 polarity
switching bit (Note 1)
TXS
Timer X count
start flag
P30/TXOUT
select bit
Operation mode
select bit 2
0 : Stops counting
1 : Starts counting
0 : Rising edge
1 : Falling edge
TXOCNT
0 : In timer mode, set to "0"
TXMOD2
0 : In timer mode, set to "0"
TXEDG
Effectual edge
reception flag
TXUND
Timer X under
flow flag
Invalid in timer mode.
When write, set "0". When read, this contents
is indeterminate.
Invalid in timer mode.
When write, set "0". When read, this contents
is indeterminate.
Symbol
TXMR
Address
008B16
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
b1 b0
00
00
0 0 : Timer mode
Note 1: This bit should rewrite with inhibiting the CNTR0 interrupt. When using the interrupt, the interrupt must be enabled
after clearing the CNTR0 interrupt request bit to "0" using a MOV instruction.
1
(n+1) X (m+1)
Figure 12.6 Timer X mode register in timer mode
12.2.1 Timer Mode
In this mode, the timer counts an internally generated count source.
(See Table 12.3) Figure 12.6 shows the Timer X mode register in timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com