Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 85Page - Renesas Technology Corp M16C/1N Datasheet HTML 86Page - Renesas Technology Corp M16C/1N Datasheet HTML 87Page - Renesas Technology Corp M16C/1N Datasheet HTML 88Page - Renesas Technology Corp M16C/1N Datasheet HTML 89Page - Renesas Technology Corp M16C/1N Datasheet HTML 90Page - Renesas Technology Corp M16C/1N Datasheet HTML 91Page - Renesas Technology Corp M16C/1N Datasheet HTML 92Page - Renesas Technology Corp M16C/1N Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 77 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
0
1
00
b7
b6
b5 b4
b3
b2
b1
b0
Timer X mode register
TXMOD0
TXMOD1
Operation mode
select bit 0, 1
(Note 1)
1 0 : Event counter mode
R0EDG
CNTR0 polarity
switching bit (Note 1)
0 : Counts at rising edge (Interrupt at rising edge)
1 : Counts at falling edge (Interrupt at falling edge)
TXS
Timer X count
start flag
0 : Stops counting
1 : Starts counting
TXMOD2
0 : Set to "0" in event counter mode
TXOCNT
0 : Set to "0" in event counter mode
Symbol
TXMR
Address
008B16
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
b1 b0
P30/TXOUT
select bit
Operation mode
select bit 2
TXEDG
Effectual edge
reception flag
TXUND
Timer X under
flow flag
Invalid in event counter mode.
When write, set "0". When read, this contents
is indeterminate.
Invalid in event counter mode.
When write, set "0". When read, this contents
is indeterminate.
Note 1: This bit should rewrite with inhibiting the CNTR0 interrupt. When using the interrupt, the interrupt must be enabled
after clearing the CNTR0 interrupt request bit to "0" using a MOV instruction.
Table 12.5 Specifications of event counter mode
1
(n+1) X (m+1)
Item
Specification
Count source
External signals fed to CNTR0 pin (Active edge is selected by software)
Count operation
• Down count
• When the timer underflows, it reloads the reload register contents before continuing
counting
Divide ratio
n: Set value of Prescaler X, m: Set value of Timer X
Count start condition
Count start flag is set (=1)
Count stop condition
Count start flag is reset (=0)
Interrupt request generation timing • When Timer X underflows [Timer X interruption]
• Rising (R0EDG=0) or falling (R0EDG=1) of CNTR0 input [CNTR0 interruption]
CNTR0 pin function
Count source input
TXOUT pin function
Programmable I/O port
Read from timer
Count value can be read out by reading Timer X register.
Same applies to Prescaler X register.
Write to timer
When a value is written to Timer X register, it is written to both reload register and counter.
Same applies to Prescaler X register.
Select function
• CNTR0 polarity switching function
The active edge of count source can be selected to be the rising or the falling edge with
software.
Figure 12.8 Timer X mode register in event counter mode
12.2.3 Event Counter Mode
In this mode, the timer counts an external signal fed to CNTR0 pin. (See Table 12.5) Figure 12.8
shows Timer X mode register in event counter mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com