Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 77Page - Renesas Technology Corp M16C/1N Datasheet HTML 78Page - Renesas Technology Corp M16C/1N Datasheet HTML 79Page - Renesas Technology Corp M16C/1N Datasheet HTML 80Page - Renesas Technology Corp M16C/1N Datasheet HTML 81Page - Renesas Technology Corp M16C/1N Datasheet HTML 82Page - Renesas Technology Corp M16C/1N Datasheet HTML 83Page - Renesas Technology Corp M16C/1N Datasheet HTML 84Page - Renesas Technology Corp M16C/1N Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 69 of 222
M16C/1N Group
11. Watchdog Timer
REJ09B0007-0100Z
0
0
b7
b6
b5 b4
b3
b2
b1
b0
Watchdog timer control register
Symbol
WDC
Address
000F16
When reset
000XXXXX2
RW
RO
RW
RW
Function
Bit name
Bit symbol
High-order bit of watchdog timer
Reserved bit
WDC7
Set to "0"
0 : Divided by 16
1 : Divided by 128
Prescaler select bit
b7
b0
Watchdog timer start register
Symbol
WDTS
Address
000E16
When reset
Indeterminate
RW
WO
Function
The watchdog timer is initialized and starts counting after a write instruction
to this register. The watchdog timer value is always initialized to "7FFF16"
regardless of whatever value is written.
b7
b6
b5 b4
b3
b2
b1
b0
0
PM12
WDT interrupt/reset
switching bit
DATAROM area access
bit (Note 2)
Nothing is assigned.
In an attempt to write to this bit, write "0". The value, if read, turns out to be
indeterminate.
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to be
indeterminate.
0 : Watchdog timer interrupt
1 : Reset (Note 3)
Processor mode register 1 (Note 1)
Note 1: Set bit 1 of the protect register (address 000A16) to "1" when writing new values to this register.
Note 2: This bit is valid for the flash memory version. For the mask ROM version, this bit must be set to "0".
Note 3: After setting this bit to "1", can not change to "0" by software.
PM17
Wait bit
0 : No wait
1 : Wait
0 : Disabled
1 : Enabled
PM10
Reserved bit
Set to "0"
Symbol
PM1
Address
000516
When reset
00XXX0X02
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
Figure 11.2 Watchdog timer control and start registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com