Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 71Page - Renesas Technology Corp M16C/1N Datasheet HTML 72Page - Renesas Technology Corp M16C/1N Datasheet HTML 73Page - Renesas Technology Corp M16C/1N Datasheet HTML 74Page - Renesas Technology Corp M16C/1N Datasheet HTML 75Page - Renesas Technology Corp M16C/1N Datasheet HTML 76Page - Renesas Technology Corp M16C/1N Datasheet HTML 77Page - Renesas Technology Corp M16C/1N Datasheet HTML 78Page - Renesas Technology Corp M16C/1N Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 63 of 222
M16C/1N Group
10. Interrupt
REJ09B0007-0100Z
10.4 TCIN Interrupt
A TCIN interrupt is generated from edges of a TCIN input signal or after 256 divisions of fRING.
To use TCIN input signal, set the time measurement input source switching bit (bit 7 at address 009A16)
of timer C control register 0 to "0" (TCIN). The level of input to TCIN pin is sampled by one of three
sampling clocks, f1, f8 or f32, selected with the digital filter clock select bit (bits 0 and 1 at address
009B16). The input level is determined when the sampled input level matches three times. (However, if
the port P33 is read, the value will be the unfiltered value.) The edge polarity of an interrupt can be a rising
edge, a falling edge, or both edges using the time measurement edge trigger select bits (bits 3 and 4 at
address 009A16).
When triggered after 256 divisions of fRING, set the time measurement input source switching bit (bit 7 at
address 009A16) to "1" (fRING256).
Figure 10.13 shows the timer C control registers 0 and 1.
Figure 10.13 Timer C control registers 0 and 1
Note 1: Change this bit when time measurement is disabled.
Note 2: Set the ring oscillation stop bit (CM14) to "0" before setting this bit to "1".
Note 3: Inhibit an interrupt when changing the time measurement input source switching bit. The TCIN interrupt may be
generated after changing the time measurement input source switching bit. An interrupt should be enabled after
the interrupt request bit is cleared.
b7
b6
b5 b4
b3
b2
b1
b0
Timer C control register 0
TCC00
Time measurement control bit
0 : Time measurement disabled
1 : Time measurement enabled
TCC07
Time measurement input
source switching bit
(Note 1 to 3)
0 : TCIN
1 : fRING256
TCC01
Timer C clock select bit
(Note 1)
TCC02
Symbol
TCC0
Address
009A16
When reset
0XX000002
Function
Bit name
Bit symbol
RW
RW
RW
RW
RW
RW
RW
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : Inhibited
b2 b1
TCC03
Nothing is assigned.
When write, set "0". When read, their contents are "0".
Nothing is assigned.
When write, set "0". When read, their contents are "0".
b7
b6
b5 b4
b3
b2
b1
b0
Timer C control register 1
TCC10
Digital filter clock select bit
(Note 1)
TCC11
Symbol
TCC1
Address
009B16
When reset
XXXXXX112
Function
Bit name
Bit symbol
RW
RW
RW
0 0 : Inhibited
0 1 : f1
1 0 : f8
1 1 : f32
b1 b0
Time measurement input edge
trigger bit
(Note 1)
TCC04
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Inhibited
b4 b3
Note 1: Input edge becomes active when the same value from TCIN pin is sampled three times in succession.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com