Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 79Page - Renesas Technology Corp M16C/1N Datasheet HTML 80Page - Renesas Technology Corp M16C/1N Datasheet HTML 81Page - Renesas Technology Corp M16C/1N Datasheet HTML 82Page - Renesas Technology Corp M16C/1N Datasheet HTML 83Page - Renesas Technology Corp M16C/1N Datasheet HTML 84Page - Renesas Technology Corp M16C/1N Datasheet HTML 85Page - Renesas Technology Corp M16C/1N Datasheet HTML 86Page - Renesas Technology Corp M16C/1N Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 71 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• Down count
• When the timer underflows, it reloads the reload register contents before continuing
counting
Divide ratio
n: Set value of Prescaler 1, m: Set value of Timer 1
Count start condition
After reset
Count stop condition
Disable to stop counting
Interrupt request generation timing When Timer 1 underflows
Read from timer
Count value can be read out by reading Timer 1 register.
Same applies to Prescaler 1 register.
Write to timer
When a value is written to Timer 1 register, it is written to both reload register and
counter.
Same applies to Prescaler 1 register.
Clock source
selection
f1
f8
f32
fC32
Prescaler 1 (address 008816)
Peripheral data bus
Reload register (8)
Counter (8)
Reload register (8)
Counter (8)
Timer 1 (address 008916)
Timer 1 interrupt
request bit
fP1
1
(n+1) X (m+1)
12.1 Timer 1
Timer 1 is an 8-bit timer with an 8-bit prescaler. Figure 12.1 shows the block diagram of Timer 1. The timer
constantly counts an internally generated count source (clock source). The count source after reset is set
to f1. The timer cannot stop counting. Table 12.2 shows the specifications of Timer 1 and Figure 12.2
shows Timer 1 related registers.
Figure 12.1 Block diagram of Timer 1
Table 12.2 Specifications of Timer 1 (Timer mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com