Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 32Page - Renesas Technology Corp M16C/1N Datasheet HTML 33Page - Renesas Technology Corp M16C/1N Datasheet HTML 34Page - Renesas Technology Corp M16C/1N Datasheet HTML 35Page - Renesas Technology Corp M16C/1N Datasheet HTML 36Page - Renesas Technology Corp M16C/1N Datasheet HTML 37Page - Renesas Technology Corp M16C/1N Datasheet HTML 38Page - Renesas Technology Corp M16C/1N Datasheet HTML 39Page - Renesas Technology Corp M16C/1N Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 24 of 222
M16C/1N Group
6. Clock Generation Circuit
REJ09B0007-0100Z
Sub clock
CM0i : Bit i at address 000616
CM1i : Bit i at address 000716
CM2i : Bit i at address 000C16
WDCi : Bit i at address 000F16
CM10 "1"
Write signal
WAIT instruction
Main clock
Interrupt request
level judgment output
RESET
Software reset
Details of divider
CM04
fC32
XCIN
1/32
XCOUT
Q
S
R
Q
S
R
XOUT
CM05
fC
XIN
1/2
1/2
1/2
1/2
CM06=0
CM17, CM16=00
CM06=0
CM17, CM16=01
CM06=0
CM17, CM16=10
CM06=1
CM06=0
CM17, CM16=11
d
a
b
1/2
c
CM20
Main
clock
switching
circuit
On-chip
oscillator
oscillation
circuit
Oscillation
stop detection
CM22
f1
By CCLK4, 5, 6
fC
CM07=0
fAD
fCAN0
a
d
f8
f32
c
b
BCLK
CM07=1
CM02
1/2
fRING
Divider
Divider
fMAIN
Figure 6.1 Block diagram of clock generating circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com