Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 72Page - Renesas Technology Corp M16C/1N Datasheet HTML 73Page - Renesas Technology Corp M16C/1N Datasheet HTML 74Page - Renesas Technology Corp M16C/1N Datasheet HTML 75Page - Renesas Technology Corp M16C/1N Datasheet HTML 76Page - Renesas Technology Corp M16C/1N Datasheet HTML 77Page - Renesas Technology Corp M16C/1N Datasheet HTML 78Page - Renesas Technology Corp M16C/1N Datasheet HTML 79Page - Renesas Technology Corp M16C/1N Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 64 of 222
M16C/1N Group
10. Interrupt
REJ09B0007-0100Z
(address 004D16)
Key input interrupt
request
Port P10-P13
pull-up select bit
Pull-up
transistor
Port P10
direction register
Pull-up
transistor
Pull-up
transistor
Pull-up
transistor
P13/KI3
P12/KI2
P11/KI1
P10/KI0
Interrupt control
circuit
Key input interrupt control register
KI0 input enable bit
KI0 input
polarity
select bit
Port P11
direction register
KI1 input enable bit
KI1 input
polarity
select bit
Port P12
direction register
KI2 input enable bit
KI2 input
polarity
select bit
Port P13
direction register
KI3 input enable bit
KI3 input polarity
select bit
Port P13
direction register
b7
b6
b5 b4
b3
b2
b1
b0
Key input enable register
KI0EN
KI0 input enable bit
0 : Disabled
1 : Enabled
KI0PL
KI0 input polarity select bit
0 : Falling edge
1 : Rising edges
KI1EN
KI1 input enable bit
0 : Disabled
1 : Enabled
KI1PL
KI1 input polarity select bit
0 : Falling edge
1 : Rising edges
KI2EN
KI2 input enable bit
0 : Disabled
1 : Enabled
KI2PL
KI2 input polarity select bit
0 : Falling edge
1 : Rising edges
KI3EN
KI3 input enable bit
0 : Disabled
1 : Enabled
KI3PL
KI3 input polarity select bit
0 : Falling edge
1 : Rising edges
Symbol
KIEN
Address
009816
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
10.5 Key Input Interrupt
_____
When the direction register of any of P10 to P13 is set for input and the KIi (i=0 to 3) input enable bit of this
port is set for enabled, if a falling or rising edge is input to that port, a key input interrupt is generated. A
key input interrupt can also be used as a key-on wakeup function for cancelling the wait mode or stop
mode.
Figure 10.14 shows the block diagram of the key input interrupts. When the appropriate signal ("L" for a
pin that has falling edge selected and "H" for a pin that has rising edge selected) is input to a pin for the
input inhibit process has not been executed, inputs to the other pins are not detected as interrupts.
_____
_____
You should overwrite the KIi (i=0 to 3) input polarity select bit or the KIi (i =0 to 3) input enable bit only
_____
under conditions where the key input interrupt is disabled. After overwriting the KIi (i=0 to 3) input polarity
_____
select bit or the KIi (i=0 to 3) input enable bit, clear the interrupt request bit, and then enable the key input
interrupt.
Figure 10.14 Block diagram of key input interrupt
Figure 10.15 Key input enable register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com