Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 59Page - Renesas Technology Corp M16C/1N Datasheet HTML 60Page - Renesas Technology Corp M16C/1N Datasheet HTML 61Page - Renesas Technology Corp M16C/1N Datasheet HTML 62Page - Renesas Technology Corp M16C/1N Datasheet HTML 63Page - Renesas Technology Corp M16C/1N Datasheet HTML 64Page - Renesas Technology Corp M16C/1N Datasheet HTML 65Page - Renesas Technology Corp M16C/1N Datasheet HTML 66Page - Renesas Technology Corp M16C/1N Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 51 of 222
M16C/1N Group
10. Interrupt
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
b7
b6
b5 b4
b3
b2
b1
b0
Note 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
Note 2: To rewrite the interrupt control register, do so at a point that dose not generate the interrupt request for that
register. For details, see 10.7 the precautions for interrupts.
Note 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
Note 2: To rewrite the interrupt control register, do so at a point that dose not generate the interrupt request for that
register. For details, see the precautions for interrupts.
Interrupt control register
Symbol
C01WKIC
C01ERRIC
C0RECIC
C0TRMIC
KUPIC
ADIC
SiTIC(i=0,1)
SiRIC(i=0,1)
T1IC
TXIC
TYIC
TZIC
CNTR0IC
TCINIC
TCIC
INT3IC
Address
004516
004616
004816
004916
004D16
004E16
005116, 005316
005216, 005416
005516
005616
005716
005816
005916
005A16
005B16
005C16
When reset
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
XXXXX0002
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0
ILVL0
ILVL1
ILVL2
Interrupt priority level
select bit
IR
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns
out to be indeterminate.
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read,
turns out to be indeterminate.
Interrupt request bit
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
0 : Interrupt not requested
1 : Interrupt requested
b2 b1 b0
(Note 1)
ILVL0
ILVL1
ILVL2
Interrupt priority level
select bit
IR
Interrupt request bit
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
0 : Interrupt not requested
1 : Interrupt requested
POL
Polarity select bit
0 : Selects falling edge
1 : Selects rising edge
Reserved bit
Set to "0"
b2 b1 b0
(Note 1)
Symbol
INTiIC(i=0, 1, 2)
Address
005D16, 005E16,
005F16
When reset
XX00X0002
XX00X0002
Figure 10.3 Interrupt control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com