Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 13Page - Renesas Technology Corp M16C/1N Datasheet HTML 14Page - Renesas Technology Corp M16C/1N Datasheet HTML 15Page - Renesas Technology Corp M16C/1N Datasheet HTML 16Page - Renesas Technology Corp M16C/1N Datasheet HTML 17Page - Renesas Technology Corp M16C/1N Datasheet HTML 18Page - Renesas Technology Corp M16C/1N Datasheet HTML 19Page - Renesas Technology Corp M16C/1N Datasheet HTML 20Page - Renesas Technology Corp M16C/1N Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 5 of 222
M16C/1N Group
1. Overview
REJ09B0007-0100Z
Note 1: Either P02, P03 or P50, P51 can be selected as CAN0 I/O ports by software.
Package: 48P6Q-A
P44/INT2
P45/INT0
P10/KI0/AN8
P11/KI1/AN9
P12/KI2/AN10
P20
NC
P21
P13/KI3/AN11
P14/TxD0
P15/RxD0
P16/CLK0
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
P06/AN1
P05/AN2
P04/AN3
VREF
P52
P51(CRx)(Note 1)
P50(CTx)(Note 1)
P03/AN4
/CRx(Note 1)
P02/AN5
/CTx(Note 1)
P01/AN6
P00/AN7
P37/TxD1/RxD1
M16C/1N Group
1.5 Pin Configuration
Figure 1.3 shows pin configurations (top view) of the M16C/1N group.
Figure 1.3 Pin configuration diagram (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com