Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 44Page - Renesas Technology Corp M16C/1N Datasheet HTML 45Page - Renesas Technology Corp M16C/1N Datasheet HTML 46Page - Renesas Technology Corp M16C/1N Datasheet HTML 47Page - Renesas Technology Corp M16C/1N Datasheet HTML 48Page - Renesas Technology Corp M16C/1N Datasheet HTML 49Page - Renesas Technology Corp M16C/1N Datasheet HTML 50Page - Renesas Technology Corp M16C/1N Datasheet HTML 51Page - Renesas Technology Corp M16C/1N Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 36 of 222
M16C/1N Group
6. Clock Generation Circuit
REJ09B0007-0100Z
6.6 Oscillation Stop Detection Function
The oscillation stop detection function detects abnormal stopping of the main clock by causes such as
opening and shorting of the XIN oscillation circuit. When oscillation stop is detected, an oscillation stop
detection interrupt is issued. When an oscillation stop detection interrupt is issued, the on-chip oscillator
in the microcomputer operates automatically and is used as the main clock in place of the XIN clock. This
allows interrupt processing.
The oscillation stop detection function can be enabled/disabled with bit 0 and bit 1 of the oscillation stop
detection register. When this bit is set to "112", the function is enabled. After the reset is released, the
oscillation stop detection function becomes disabled because the bit value is "002".
Table 6.5 lists the specification of oscillation stop detection function, Figure 6.10 shows a configuration
diagram of the oscillation stop detection circuit and Figure 6.11 shows the configuration of the oscillation
stop detection register.
Table 6.5 Specification overview of the oscillation stop detection function
Item
Specification
Oscillation stop detectable clock and
XIN ≥ 2 MHz
frequency bandwidth
Enabling condition for oscillation stop
When the oscillation stop detection bit (bit 0 at address 000C16)
detection function
and the oscillation stop detection interrupt enable bit (bit 1 at
address 000C16) are set to "1"
Operation at oscillation stop detection
• Oscillation stop detection interrupt occurs
Notes on STOP mode, low power
Before stopping the main clock (XIN-XOUT), set the
dissipation mode, and on-chip
oscillation stop detection enable bit to "0" to disable the
oscillator mode
oscillation stop detection function. Enable main clock
(XIN-XOUT) oscillation and after the oscillation stabilizes,
set the bit to "1" again.
Notes on WAIT mode
If the peripheral function clock is stopped in WAIT mode
with the WAIT mode peripheral function clock stop bit
(bit 2 at address 000616), oscillation stop will be detected.
Do not stop the peripheral function clock in WAIT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com