Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 36Page - Renesas Technology Corp M16C/1N Datasheet HTML 37Page - Renesas Technology Corp M16C/1N Datasheet HTML 38Page - Renesas Technology Corp M16C/1N Datasheet HTML 39Page - Renesas Technology Corp M16C/1N Datasheet HTML 40Page - Renesas Technology Corp M16C/1N Datasheet HTML 41Page - Renesas Technology Corp M16C/1N Datasheet HTML 42Page - Renesas Technology Corp M16C/1N Datasheet HTML 43Page - Renesas Technology Corp M16C/1N Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 28 of 222
M16C/1N Group
6. Clock Generation Circuit
REJ09B0007-0100Z
The following describes the clocks generated by the clock generation circuit.
6.1 Main Clock
The main clock is generated by the main clock oscillation circuit. After reset, oscillation starts. The clock
can be stopped using the main clock stop bit (bit 5 at address 000616). Stopping the clock reduces the
power dissipation.
After the oscillation of the main clock oscillation circuit has stabilized, the drive capacity of the XOUT pin
can be reduced using the XIN-XOUT drive capacity select bit (bit 5 at address 000716). Reducing the drive
capacity of the XOUT pin reduces the power dissipation. This bit changes to "1" when shifting from high-
speed/medium-speed mode to stop mode and at a reset. When shifting from low-speed/low power dissi-
pation mode to stop mode, the value before stop mode is retained.
Figure 6.5 shows the examples of main clock connection circuit.
XIN
XOUT
Externally derived clock
Open
Vcc
Vss
Microcomputer
(Built-in feedback resistor)
XIN
XOUT
Rd
CIN
COUT
(Note 1)
Microcomputer
(Built-in feedback resistor)
External ceramic oscillator
External clock input
Note 1: Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation
drive capacity setting. Use the value recommended by the maker of the oscillator.
When the oscillation drive capacity is set to low, check that oscillation is stable. Also, if the oscillator
manufacturer’s data sheet specifies that a feedback resistor be added external to the chip, insert a feedback
resistor between XIN and XOUT following the instruction.
Figure 6.6 Examples of main clock connection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com