Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 99Page - Renesas Technology Corp M16C/1N Datasheet HTML 100Page - Renesas Technology Corp M16C/1N Datasheet HTML 101Page - Renesas Technology Corp M16C/1N Datasheet HTML 102Page - Renesas Technology Corp M16C/1N Datasheet HTML 103Page - Renesas Technology Corp M16C/1N Datasheet HTML 104Page - Renesas Technology Corp M16C/1N Datasheet HTML 105Page - Renesas Technology Corp M16C/1N Datasheet HTML 106Page - Renesas Technology Corp M16C/1N Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 91 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Note 1: In programmable waveform generation mode, port P32 is set for output regardless of the value of the direction
register.
Note 2: When this bit is cleared to "0", the timer reloads the content of the reload register before it stops. Read out the
count value before you stop the timer.
Note 3: When timer Z operation mode bit is set for "01", "10" or "11", port P31 is set for output regardless of the value of
the direction register.
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z mode register
TYMOD0
Timer Y operation
mode bit
0 : Timer mode
1 : Programmable waveform generation mode
(Note 1)
Nothing is assigned.
When write, set "0". When read, the content is "0".
TYWC
Timer Y write
control bit
Function varies depending on
the operation mode
TYS
Timer Y count
start flag
0 : Stops counting (Note 2)
1 : Starts counting
TZMOD0
Timer Z operation
mode bit (Note 3)
TZMOD1
TZWC
Timer Z write
control bit
Function varies depending on
the operation mode
TZS
Timer Z count
start flag
0 : Stops counting (Note 2)
1 : Starts counting
Symbol
TYZMR
Address
008016
When reset
000000X02
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
b5 b4
0 0 : Timer mode
0 1 : Programmable waveform generation mode
1 0 : Programmable one-shot generation mode
1 1 : Programmable wait one-shot generation
mode
Figure 12.21 Timer Z-related registers (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com