Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 103Page - Renesas Technology Corp M16C/1N Datasheet HTML 104Page - Renesas Technology Corp M16C/1N Datasheet HTML 105Page - Renesas Technology Corp M16C/1N Datasheet HTML 106Page - Renesas Technology Corp M16C/1N Datasheet HTML 107Page - Renesas Technology Corp M16C/1N Datasheet HTML 108Page - Renesas Technology Corp M16C/1N Datasheet HTML 109Page - Renesas Technology Corp M16C/1N Datasheet HTML 110Page - Renesas Technology Corp M16C/1N Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 95 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
1
(n+1) X (m+1)
Note 1: When the count is stopped, the Timer Z interrupt request bit becomes "1" and an interrupt may occur. Thus,
interrupts must be disabled before the count is stopped. Furthermore, set the Timer Z interrupt request bit to "0"
before starting counting again.
Note 2: If writing to the Timer Z or prescaler Z under the following conditions being filled at the same time the Timer Z
interrupt request bit becomes "1" and an interrupt occurs.
<Conditions>
• Timer Z write control bit (bit 6 at address 008016) is "0" (write to timer and reload register simultaneously)
• Timer Z count start flag (bit 7 at address 008016) is "1" (count start)
To write to the Timer Z or prescaler Z in the above state, disable interrupts before writing.
Item
Specification
Count source
f1, f8, Timer Y underflow, fC32
Count operation
• Down count
• When the timer underflows, it reloads the reload register contents before continuing
counting (When the Timer Z underflows, the contents of the Timer Z primary reload
register is reloaded.)
• When a counting stops, the timer reloads the content of the reload register before
stopping counting.
Divide ratio
n: Set value of Prescaler Z, m: Set value of Timer Z primary
Count start condition
Count start flag is set (=1)
Count stop condition
Count start flag is reset (=0) (Note 1)
Interrupt request generation timing When Timer Z underflows
TYOUT pin function
Programmable I/O port
INT0 pin function
Programmable I/O port, or external interrupt input pin
Read from timer
Count value can be read out by reading Timer Z primary register.
Same applies to Prescaler Z register.
Write to timer
When a value is written to Timer Z Primary register, it is written to both reload register
and counter or written to only reload register. Selected by software.
Same applies to Prescaler Z register.
Select function
• Timer Z write control function (Note 2)
When a value is written to Timer Z Primary register, it can be selected that the value is
written to both reload register and counter or written to only reload register.
Same applies to Prescaler Z register.
12.4.1 Timer Mode
In this mode, the timer counts an internally generated count source or Timer Y underflow. (See Table
12.10) The Timer Z secondary is unused in this mode. Figure 12.25 shows the Timer Y, Z mode
register and Timer Y, Z waveform output control register in timer mode.
Table 12.10 Specifications of timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com