Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 104Page - Renesas Technology Corp M16C/1N Datasheet HTML 105Page - Renesas Technology Corp M16C/1N Datasheet HTML 106Page - Renesas Technology Corp M16C/1N Datasheet HTML 107Page - Renesas Technology Corp M16C/1N Datasheet HTML 108Page - Renesas Technology Corp M16C/1N Datasheet HTML 109Page - Renesas Technology Corp M16C/1N Datasheet HTML 110Page - Renesas Technology Corp M16C/1N Datasheet HTML 111Page - Renesas Technology Corp M16C/1N Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 96 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z mode register
TYMOD0
Nothing is assigned.
When write, set "0". When read, the content is "0".
Timer Y-related bit
TYWC
Timer Y-related bits
Symbol
TYZMR
Address
008016
When reset
000000X02
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
TYS
Timer Z count
start flag
Timer Z write
control bit
TZMOD0
TZMOD1
TZWC
TZS
Timer Z operation
mode bit
0 : Stops counting (Note 2)
1 : Starts counting
0
0
Note 1: At this bit is "0", when you write in the prescaler Z while the timer Z is counting, the timer Z reloads content of the
timer Z reload register.
Note 2: When this bit is cleared to "0", the timer reloads the content of the reload register before it stops. Read out the
count value before you stop the timer.
0 : Write to timer and reload register
simultaneously (Note 1)
1 : Write to reload register
0 0 : Timer mode
b5 b4
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z waveform output control register
TYPUM0
TYPUM1
Timer Y-related bits
Timer Y-related bit
Timer Z primary
waveform extension
control bit
Invalid in timer mode
Timer Z secondary
waveform extension
control bit
Invalid in timer mode
Timer Z output level
latch
Invalid in timer mode
INT0 pin one-shot
trigger control bit
Invalid in timer mode
INT0 pin one-shot
trigger polarity select bit
Invalid in timer mode
TZPUM0
Symbol
PUM
Address
008416
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
TZPUM1
TYOPL
TZOPL
INOSTG
INOSEG
Figure 12.25 Timer Y, Z mode register and Timer Y, Z waveform output control register in timer
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com