Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 108Page - Renesas Technology Corp M16C/1N Datasheet HTML 109Page - Renesas Technology Corp M16C/1N Datasheet HTML 110Page - Renesas Technology Corp M16C/1N Datasheet HTML 111Page - Renesas Technology Corp M16C/1N Datasheet HTML 112Page - Renesas Technology Corp M16C/1N Datasheet HTML 113Page - Renesas Technology Corp M16C/1N Datasheet HTML 114Page - Renesas Technology Corp M16C/1N Datasheet HTML 115Page - Renesas Technology Corp M16C/1N Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 100 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
10
1
Note 1: When selecting programmable one-shot generation mode, output is set for Port P31 regardless of the value of the
direction register.
Note 2: When this bit is cleared to "0", the timer reloads the content of the reload register before it stops. Read out the
count value before you stop the timer.
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z mode register
TYMOD0
Nothing is assigned.
When write, set "0". When read, the content is "0".
Timer Y-related bit
0 : Stops counting (Note 2)
1 : Starts counting
TYWC
Timer Y-related bits
TZMOD0
Timer Z operation
mode bit
Timer Z count
start flag
Timer Z write
control bit
TZMOD1
TZWC
TZS
TYS
Symbol
TYZMR
Address
008016
When reset
000000X02
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
b5 b4
1 0 : Programmable one-shot generation mode
(Note 1)
1 : Set to "1" in programmable one-shot
generation mode
Note 1: When setting this bit to "1", the Prescaler Z Register must be set to "0016".
Note 2: When changing this bit to "1", set the INT0 input filter select bit (bit 0 at address 009616), the INT0 input polarity select bit (
bit 1 at address 009616), the INT0 input filter select bit (bits 0 and 1 at address 001E16) and the INT0 pin one-shot trigger
polarity select bit.
Note 3: This bit is valid only when the INT0 input polarity select bit (bit 1 at address 009616) is "0" (one-edge).
b7
b6
b5 b4
b3
b2
b1
b0
Timer Y, Z waveform output control register
TYPUM0
Timer Y-related bits
0 : INT0 pin one-shot trigger invalid
1 : INT0 pin one-shot trigger valid (Note 2)
0 : No waveform extension
1 : Waveform extension (Note 1)
TYOPL
Timer Y-related bit
TZPUM0
Timer Z primary
waveform extension
control bit
TZOPL
Timer Z output level
latch
INOSTG
INT0 pin one-shot
trigger control bit
Invalid in programmable one-shot generation
mode
TZPUM1
Timer Z secondary
waveform extension
control bit
0 : Edge trigger at falling edge
1 : Edge trigger at rising edge
INOSEG
INT0 pin one-shot
trigger polarity select
bit (Note 3)
TYPUM1
Symbol
PUM
Address
008416
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
0 : Outputs "H" level one-shot pulse.
"L" is outputted when the timer is stopped.
1 : Outputs "L" level one-shot pulse
"H" is outputted when the timer is stopped.
Figure 12.27 Timer Y, Z mode register and Timer Y, Z waveform output control register in
programmable one-shot generation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com