Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 109Page - Renesas Technology Corp M16C/1N Datasheet HTML 110Page - Renesas Technology Corp M16C/1N Datasheet HTML 111Page - Renesas Technology Corp M16C/1N Datasheet HTML 112Page - Renesas Technology Corp M16C/1N Datasheet HTML 113Page - Renesas Technology Corp M16C/1N Datasheet HTML 114Page - Renesas Technology Corp M16C/1N Datasheet HTML 115Page - Renesas Technology Corp M16C/1N Datasheet HTML 116Page - Renesas Technology Corp M16C/1N Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 101 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Count start flag
The contents of
Timer Z
TZOUT pin output
"1"
"0"
Timer Z interrupt
request bit
"H"
"L"
"1"
"0"
"1"
"0"
fPZ
Timer Z output
level latch
Initialized to "L"
Primary waveform
extended
0216
0316
0116 0016
0316
0216 0116 0016
Set to "1" by
software
Set to "1" by
software
Count
start
One-shot
start bit
"1"
"0"
INT0 pin
input
"1"
"0"
Timer Z
primary
reload
Timer Z
primary
reload
Count
start
Cleared to "0"
when counting
completed
Set to "1" by
INT0 pin input
trigger
Cleared to "0" when interrupt
request is accepted,
or cleared by software
Cleared to "0"
by software
Primary waveform
extended
Waveform
output ends
Waveform
output starts
Waveform
output starts
Waveform
output ends
Conditions: Timer Z primary=0316, Timer Z primary waveform extended,
Timer Z output level latch [TZOPL]=0,
INT0 one-shot trigger is valid at rising edge,
INT0 input filter select bit [INT0F0, INT0F1]=002 (No filter)
Figure 12.28 Operation example in programmable one-shot generation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com