Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 110Page - Renesas Technology Corp M16C/1N Datasheet HTML 111Page - Renesas Technology Corp M16C/1N Datasheet HTML 112Page - Renesas Technology Corp M16C/1N Datasheet HTML 113Page - Renesas Technology Corp M16C/1N Datasheet HTML 114Page - Renesas Technology Corp M16C/1N Datasheet HTML 115Page - Renesas Technology Corp M16C/1N Datasheet HTML 116Page - Renesas Technology Corp M16C/1N Datasheet HTML 117Page - Renesas Technology Corp M16C/1N Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 102 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Note 1: Count start flag must have been set to "1".
_______
_______
Note 2: Count start flag must have been set to "1", INT0 input enable bit [INT0EN] to "1", and INT0 pin one-shot trigger
control bit to "1".
Note 3: When the count is stopped by writing "0" to the count start flag or Timer Z one-shot start bit, the Timer Z interrupt
request bit becomes "1" and an interrupt may occur. Thus, interrupts must be disabled before the count is
stopped. Furthermore, set the Timer Z interrupt request bit to "0" before starting counting again.
Note 4: Each set value becomes effective by writing to the Timer Z primary register. And the set values are reflected
collectively beginning with the next one-shot pulse after writing to the Timer Z primary.
Note 5: When using the waveform extend function, the Prescaler Z register must be set to "0016".
When selecting Timer Y underflow and f1 for the count source, the waveform extend function cannot be used.
Item
Specification
Count source
f1, f8, Timer Y underflow, fC32
Count operation
• Down counts the set value of Timer Z primary
• When Timer Z primary underflows, the contents of Timer Z secondary is reloaded be-
fore continuing counting.
• When Timer Z secondary underflows, the contents of Timer Z primary is reloaded be-
fore stopping counting.
• When a counting stops, the timer reloads the contents of the reload register before it stops.
Wait time
(n+1) x (m+1)/fi, n: Set value of Prescaler Z, m: Set value of Timer Z primary
One-shot pulse output time (n+1) x (l+1))/fi, n: Set value of Prescaler Z, l: Set value of Timer Z secondary
Count start condition
• Timer Z one-shot start bit is set (=1) (Note 1)
• Valid trigger is input to INT0 pin (Note 2)
Count stop condition
• When reloading is completed after count value at counting Timer Z secondary was set to "0016"
• When Count start flag is reset (=0)
• Timer Z one-shot start bit is reset (=0) (Note 3)
Interrupt request generation timing When count value at counting Timer Z secondary becomes "0016"
TZOUT pin function
Pulse output
INT0 pin function
Programmable I/O port, external interrupt input pin, or external trigger input pin
Read from timer
Count value can be read out by reading Timer Z primary register.
Same applies to Prescaler Z register.
Write to timer
When a value is written to Timer Z primary register, it is written to only reload register.
Same applies to Prescaler Z register. (Note 4)
Select function
• Output level latch select function
The output level of one-shot pulse waveform is selectable.
• INT0 pin one-shot trigger control function and polarity select function
The trigger input from the INT0 pin can be set to valid or invalid. Also, the valid trigger's
polarity is selectable: rising edge, falling edge, or rising and falling both edges.
• Waveform extend function (Note 5)
Waiting time and one-shot pulse waveform can each be extended 0.5 cycles of the
count source.
Waiting time when waveform extended: (n+1) x (2x(m+1)+TZPUM0)/2fi
One-shot pulse output time when waveform extended: (n+1) x (2x(l+1)+TZPUM1)/2fi
n: set value of Prescaler Z, m: set value of Timer Z primary, l: set value of Timer Z secondary
TZPUM0: Timer Z primary waveform extension control bit, TZPUM1: Timer Z secondary waveform extension control bit
12.4.4 Programmable Wait One-shot Generation Mode
In this mode, upon software command or external trigger input (input to the INT0 pin), the microcom-
puter outputs the one-shot pulse from the TZOUT pin after waiting for a given length of time. (See Table
12.13) When a trigger occurs, from this point, the timer starts outputting pulses only once for a given
length of time equal to the Timer Z primary set value after waiting for a given length of time equal to the
Timer Z primary set value. Figure 16.29 shows the Timer Y, Z mode register and Timer Y, Z waveform
output control register in this mode. Figure 12.30 shows the Timer Z operation example in this mode.
Table 12.13 Specifications of programmable wait one-shot generating mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com