Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 113Page - Renesas Technology Corp M16C/1N Datasheet HTML 114Page - Renesas Technology Corp M16C/1N Datasheet HTML 115Page - Renesas Technology Corp M16C/1N Datasheet HTML 116Page - Renesas Technology Corp M16C/1N Datasheet HTML 117Page - Renesas Technology Corp M16C/1N Datasheet HTML 118Page - Renesas Technology Corp M16C/1N Datasheet HTML 119Page - Renesas Technology Corp M16C/1N Datasheet HTML 120Page - Renesas Technology Corp M16C/1N Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 105 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Time measurement register (16)
Upper 8 bits
Lower 8 bits
Timer C counter (16)
f1
f8
f32
Edge detection
TCIN
1/256
On-chip oscillation
TCIN interrupt
Timer C overflow interrupt
Time measurement
input source
switching bit
"0"
"1"
Timer C clock
select bit
Reload signal
Digital
filter
f1
f8
f32
Digital filter clock
select bit
Address 009D16
Address 009C16
Address 009016
Address 009116
Data bus
Upper 8 bits
Lower 8 bits
12.5 Timer C
Timer C is a 16-bit free-running timer. The Timer C uses an edge input to TCIN pin or the output of 256
fRING divisions as trigger to latch the timer count value and generates an interrupt request. The TCIN
input has a digital filter and this prevents an error caused by noise or so on from occurring.
Figure 12.31 shows the block diagram of Timer C. Table 12.14 shows Timer C specifications. Figure
12.32 shows Timer C-related registers. Figure 12.33 shows an operation example of Timer C and timer
measurement register.
Figure 12.31 Block diagram of Timer C
Table 12.14 Specifications of Timer C
Item
Specification
Count source
f1, f8, f32
Count operation
• Up count
• Transfer counter value to time measurement register at active edge of
measurement pulse
• When timer C stops counting, the value of timer C is reset to "000016".
Count start condition
• Time measurement control bit is set (=1)
Counter stop condition
• Time measurement control bit is reset (=0)
Interrupt request generation timing • When active edge of measurement pulse is input [TCIN interrupt]
• When the time underflows [Timer C interrput]
TCIN pin function
Measurement pulse input
Count value reset timing
When time measurement control bit is reset (=0)
Read from timer (Note 1)
• Count value can be read out by reading Timer C.
• Count value at measurement pulse active edge input can be read out by reading time
measurement register.
Write to timer
Cannot write to Timer C and time measurement register
Select function
• Measurement pulse active edge: selectable (rising edge/falling edge/both edges)
• Measurement pulse: selectable (input from TCIN pin/256 divisions of fRING)
• Digital filter sampling frequency: selectable (f1/f8/f32)
Note 1: The Timer C and the timer measurement register must be read in word-size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com