Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 115Page - Renesas Technology Corp M16C/1N Datasheet HTML 116Page - Renesas Technology Corp M16C/1N Datasheet HTML 117Page - Renesas Technology Corp M16C/1N Datasheet HTML 118Page - Renesas Technology Corp M16C/1N Datasheet HTML 119Page - Renesas Technology Corp M16C/1N Datasheet HTML 120Page - Renesas Technology Corp M16C/1N Datasheet HTML 121Page - Renesas Technology Corp M16C/1N Datasheet HTML 122Page - Renesas Technology Corp M16C/1N Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 107 of 222
M16C/1N Group
12. Timers
REJ09B0007-0100Z
Figure 12.33 Operation example of Timer C and time measurement register
Time measurement
control bit
Measurement pulse
(TCIN pin input)
Time measurement register
FFFF16
000016
Conditions: Time measurement input edge trigger is set for falling edge (TCC03="1", TCC04="0")
Count start
Timer C interrupt
request bit
"H"
"L"
"1"
"0"
Cleared to "0" when interrupt
request is accepted, or
cleared by software
Cleared to "0"
by software
Set to "1" by software
Overflow
Measurement value 2
Indeterminate
Cleared to "0" when interrupt request is accepted, or cleared by software
TCIN interrupt
request bit
Measurement value 1
Transmit timing from
Timer C counter to
time measurement register
Measurement
value 1
Measurement value 2
Measurement
value 3
Indeterminate
Transmit
(Measurement
value 2)
Time
Measure-
ment
value 3
"1"
"0"
"1"
"0"
Transmit
(Measurement
value 1)
The delay caused
by digital filter
Transmit
(Measurement
value 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com