Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 118Page - Renesas Technology Corp M16C/1N Datasheet HTML 119Page - Renesas Technology Corp M16C/1N Datasheet HTML 120Page - Renesas Technology Corp M16C/1N Datasheet HTML 121Page - Renesas Technology Corp M16C/1N Datasheet HTML 122Page - Renesas Technology Corp M16C/1N Datasheet HTML 123Page - Renesas Technology Corp M16C/1N Datasheet HTML 124Page - Renesas Technology Corp M16C/1N Datasheet HTML 125Page - Renesas Technology Corp M16C/1N Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 110 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
b7
b7
b0
b0
(b15)
(b8)
UARTi transmit buffer register
Symbol
U0TB
U1TB
Address
00A316, 00A216
00AB16, 00AA16
When reset
Indeterminate
Indeterminate
RW
WO
Function
Transmit data (Note 1)
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to be
indeterminate.
Note 1: When transfer data length is 9-bit long, write high-byte first then low-byte with byte-size.
b7
b0
UARTi bit rate generator
Symbol
U0BRG
U1BRG
Address
00A116
00A916
When reset
Indeterminate
Indeterminate
RW
WO
Function
Values that can be set
Assuming that set value = n, BRGi divides the
count source by n + 1
OER
FER
PER
SUM
Overrun error flag
(Note 1)
Framing error flag
(Note 1)
Parity error flag
(Note 1)
Error sum flag
(Note 1)
0 : No overrun error
1 : Overrun error found
0 : No framing error
1 : Framing error found
0 : No parity error
1 : Parity error found
0 : No error
1 : Error found
0 : No overrun error
1 : Overrun error found
Receive data
Receive data
Invalid
Invalid
Invalid
Note 1: Bits 15 to 12 are set to "0" when the serial I/O mode select bits (bit 2 to 0 at addresses 00A016 and 00A816) are set to "0002" or
receive enable bit to "0". (Bit 15 is set to "0" when bits 14 to 12 all are set to "0".) Bits 14 and 13 are also set to "0" when the lower
byte of the UARTi receive buffer register (addresses 00A616, and 00AE16) is read out or when this register is read out in word-size.
When reading data from the UARTi receive buffer, data should be read high-byte first then low-byte using byte-size.
b7
b7
b0
b0
(b15)
(b8)
UARTi receive buffer register
Symbol
U0RB
U1RB
Address
00A716, 00A616
00AF16, 00AE16
When reset
Indeterminate
Indeterminate
RW
RO
RO
RO
RO
RO
Bit
symbol
Bit name
Function
(During clock synchronous serial I/O mode)
Function
(During UART mode)
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to be
indeterminate.
0016 to FF16
Figure 13.3 Serial I/O-related registers (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com