Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 120Page - Renesas Technology Corp M16C/1N Datasheet HTML 121Page - Renesas Technology Corp M16C/1N Datasheet HTML 122Page - Renesas Technology Corp M16C/1N Datasheet HTML 123Page - Renesas Technology Corp M16C/1N Datasheet HTML 124Page - Renesas Technology Corp M16C/1N Datasheet HTML 125Page - Renesas Technology Corp M16C/1N Datasheet HTML 126Page - Renesas Technology Corp M16C/1N Datasheet HTML 127Page - Renesas Technology Corp M16C/1N Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 112 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
UARTi transmit/receive control register 1
TE
Transmit enable bit
0 : Transmission disabled
1 : Transmission enabled
0 : Transmission disabled
1 : Transmission enabled
TI
Transmit buffer
empty flag
RE
Receive enable bit
(Note 1)
0 : Reception disabled
1 : Reception enabled
0 : Reception disabled
1 : Reception enabled
RI
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to be "0".
Receive complete flag
Symbol
UiC1(i=0,1)
Address
00A516, 00AD16
When reset
XXXX00102
RW
RW
RO
RO
RW
Function
(During clock synchronous serial I/O mode)
Function
(During UART mode)
Bit name
Bit
symbol
b7
b6
b5 b4
b3
b2
b1
b0
UART transmit/receive control register 2
Symbol
UCON
Address
00B016
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
Function
(During clock synchronous serial I/O mode)
Function
(During UART mode)
Bit name
Bit
symbol
Note 1: As for the UART1, set the RXD1 input port select bit before setting this bit to reception enabled.
0 : Data present in transmit
buffer register
1 : No data present in
transmit buffer register
0 : No data present in
receive buffer register
1 : Data present in receive
buffer register
0 : Data present in transmit
buffer register
1 : No data present in
transmit buffer register
U0IRS
UART0 transmit
interrupt cause select bit
0 : Transmit buffer empty
(Tl = 1)
1 : Transmission completed
(TXEPT = 1)
0 : Transmit buffer empty
(Tl = 1)
1 : Transmission completed
(TXEPT = 1)
U1IRS
UART1 transmit
interrupt cause select bit
0 : Transmit buffer empty
(Tl = 1)
1 : Transmission completed
(TXEPT = 1)
U0RRM
Invalid
UART0 continuous
receive mode enable bit
0 : Continuous receive
mode disabled
1 : Continuous receive
mode enable
CLKMD1
Set to "0"
CLK/CLKS select
bit 1 (Note 1)
0 : Normal mode
(CLK output is CLK0 only)
1 : Transfer clock output
from multiple pins
function selected
U1RRM
Invalid
UART1 continuous
receive mode enable bit
CLKMD0
Invalid
CLK/CLKS select bit 0
Valid when bit 5 = "1"
0 : Clock output to CLK1
1 : Clock output to CLKS1
RXD1EN
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to be "0".
RXD1 input port
select bit (Note 2)
0 : P37
1 : P35
0 : P37
1 : P35
0 : Continuous receive
mode disabled
1 : Continuous receive
mode enable
0 : Transmit buffer empty
(Tl = 1)
1 : Transmission completed
(TXEPT = 1)
0 : No data present in
receive buffer register
1 : Data present in receive
buffer register
Note 1: When using multiple pins to output the transfer clock, the following requirements must be met:
UART1 internal/external clock select bit (bit 3 at address 00A816) = "0".
Note 2: For P37, select "0" for data receive, and "1" for data transfer.
And set the direction register of port P37 to input ("0") when receiving.
Figure 13.5 Serial I/O-related registers (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com