Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 123Page - Renesas Technology Corp M16C/1N Datasheet HTML 124Page - Renesas Technology Corp M16C/1N Datasheet HTML 125Page - Renesas Technology Corp M16C/1N Datasheet HTML 126Page - Renesas Technology Corp M16C/1N Datasheet HTML 127Page - Renesas Technology Corp M16C/1N Datasheet HTML 128Page - Renesas Technology Corp M16C/1N Datasheet HTML 129Page - Renesas Technology Corp M16C/1N Datasheet HTML 130Page - Renesas Technology Corp M16C/1N Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 115 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
• Example of transmit timing (when internal clock is selected)
• Example of receive timing (when external clock is selected)
Tc = TCLK = 2(n + 1) / fi
fi: frequency of BRGi count source (f1, f8, f32, fc)
n: value set to BRGi
Transfer clock
Transmit enable
bit (TE)
Transmit buffer
empty flag (Tl)
CLKi
TxDi
Transmit
register empty
flag (TXEPT)
"0"
"1"
"0"
"1"
"0"
"1"
The above timing applies to the following settings:
Internal clock is selected.
CLK polarity select bit = 0.
Transmit interrupt cause select bit = 0.
Transmit interrupt
request bit (IR)
"0"
"1"
1 / fEXT
Dummy data is set in UARTi transmit buffer register
Transmit enable
bit (TE)
Transmit buffer
empty flag (Tl)
CLKi
RxDi
Receive complete
flag (Rl)
"0"
"1"
"0"
"1"
"0"
"1"
Receive enable
bit (RE)
"0"
"1"
Receive data is taken in
Transferred from UARTi transmit buffer register to UARTi transmit register
Read out from UARTi receive buffer register
The above timing applies to the following settings:
External clock is selected.
CLK polarity select bit = 0.
fEXT: frequency of external clock
Transferred from UARTi receive register
to UARTi receive buffer register
Receive interrupt
request bit (IR)
"0"
"1"
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
Shown in ( ) are bit symbols.
Meet the following conditions when the CLKi input level
before data reception = "H"
Transmit enable bit
"1"
Receive enable bit
"1"
Dummy data write to UARTi transmit buffer register
Shown in ( ) are bit symbols.
Cleared to "0" when interrupt request is accepted, or cleared by software
Tc
TCLK
Stopped pulsing because transfer enable bit = "0"
Data is set in UARTi transmit buffer
register
Transferred from UARTi transmit buffer register to UARTi transmit
register
Cleared to "0" when interrupt request is accepted, or cleared by software
D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6
D7
D0 D1 D2 D3 D4 D5 D6
D7
Figure 13.7 Typical transmit/receive timings in clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com