Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 126Page - Renesas Technology Corp M16C/1N Datasheet HTML 127Page - Renesas Technology Corp M16C/1N Datasheet HTML 128Page - Renesas Technology Corp M16C/1N Datasheet HTML 129Page - Renesas Technology Corp M16C/1N Datasheet HTML 130Page - Renesas Technology Corp M16C/1N Datasheet HTML 131Page - Renesas Technology Corp M16C/1N Datasheet HTML 132Page - Renesas Technology Corp M16C/1N Datasheet HTML 133Page - Renesas Technology Corp M16C/1N Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 118 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
Item
Specification
• Character bit (transfer data): 7 bits, 8 bits, or 9 bits as selected
• Start bit: 1 bit
• Parity bit: Odd, even, or nothing as selected
• Stop bit: 1 bit or 2 bits as selected
• When internal clock is selected (bit 3 at addresses 00A016, 00A816 = "0"):
fi/16(n+1) (Note 1) fi = f1, f8, f32, fC
• When external clock is selected (bit 3 at addresses 00A016 = "1"):
fEXT/16(n+1) (Note 1) (Note 2)
• To start transmission, the following requirements must be met:
- Transmit enable bit (bit 0 at addresses 00A516, 00AD16) = "1"
- Transmit buffer empty flag (bit 1 at addresses 00A516, 00AD16) = "0"
• To start reception, the following requirements must be met:
- Receive enable bit (bit 2 at addresses 00A516, 00AD16) = "1"
- Start bit detection
• When transmitting
- Transmit interrupt cause select bits (bits 0,1 at address 00B016) = "0":
Interrupts requested when data transfer from UARTi transfer buffer register
to UARTi transmit register is completed
- Transmit interrupt cause select bits (bits 0, 1 at address 00B016) = "1":
Interrupts requested when data transmission from UARTi transfer register is
completed
• When receiving
- Interrupts requested when data transfer from UARTi receive register to
UARTi receive buffer register is completed
• Overrun error (Note 3)
This error occurs if the serial I/O started receiving the next data before read-
ing the UARTi receive buffer register and the bit one before the last stop bit
of the next data
• Framing error
This error occurs when the number of stop bits set is not detected
• Parity error
This error occurs when if parity is enabled, the number of 1’s in parity and
character bits does not match the number of 1’s set
• Error sum flag
This flag is set (= 1) when any of the overrun, framing, and parity errors is
encountered
• RxD1 input pin selection
UART1 RxD1 can be chosen by software to be input to one of the two pins set
13.2 Clock Asynchronous Serial I/O (UART) Mode
The UART mode allows transmitting and receiving data after setting the desired transfer rate and transfer
data format.
Table 13.3 lists the specifications of UART mode. Figure 13.11 shows the UARTi transmit/receive mode register.
Transfer data format
Transfer clock
Transmission start
condition
Reception start condi-
tion
Interrupt request gen-
eration timing
Error detection
Select function
Table 13.3 Specifications of UART Mode
Note 1: "n" denotes the value 0016 to FF16 that is set to the UART bit rate generator.
Note 2: fEXT is input from the CLKi pin.
Note 3: If an overrun error occurs, the UARTi receive buffer will be indeterminate. Note also that the UARTi
receive interrupt request bit does not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com