Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 125Page - Renesas Technology Corp M16C/1N Datasheet HTML 126Page - Renesas Technology Corp M16C/1N Datasheet HTML 127Page - Renesas Technology Corp M16C/1N Datasheet HTML 128Page - Renesas Technology Corp M16C/1N Datasheet HTML 129Page - Renesas Technology Corp M16C/1N Datasheet HTML 130Page - Renesas Technology Corp M16C/1N Datasheet HTML 131Page - Renesas Technology Corp M16C/1N Datasheet HTML 132Page - Renesas Technology Corp M16C/1N Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 117 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
Microcomputer
TXD1 (P37)
CLKS (P34)
CLK1 (P36)
IN
CLK
IN
CLK
Note 1: This applies when the internal clock is selected and transmission
is performed only in clock synchronous serial I/O mode.
13.1.4 Continuous Receive Mode
If the continuous receive mode enable bit (bits 2 and 3 at address 00B016) is set to "1", the unit is
placed in continuous receive mode. In this mode, when the receive buffer register is read out, the unit
simultaneously goes to a receive enable state without having to set dummy data to the transmit buffer
register back again.
13.1.5 RxD1 Input Pin Selection Function (UART1)
This function allows the setting two RxD1 input pins and choosing one of the two to input serial data by
using the RxD1 input pin select bit (bits 6 at address 00B016).
When selecting "1" (P35) for RxD1 input pin select bit, P37 functions as TxD1 output pin. When select-
ing "0" (P37), serial data output cannot be performed. However, P35 can be used as an input/output
port.
Figure 13.10 The transfer clock output from the multiple pins function usage
13.1.3 Transfer Clock Output from Multiple Pins Function (UART1)
This function allows the setting two transfer clock output pins and choosing one of the two to output a
clock by using the CLK and CLKS select bit (bits 4 and 5 at address 00B016). The multiple pins
function is valid only when the internal clock is selected for UART1.
Figure 13.10 shows the transfer clock output from the multiple pins function usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com