Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 128Page - Renesas Technology Corp M16C/1N Datasheet HTML 129Page - Renesas Technology Corp M16C/1N Datasheet HTML 130Page - Renesas Technology Corp M16C/1N Datasheet HTML 131Page - Renesas Technology Corp M16C/1N Datasheet HTML 132Page - Renesas Technology Corp M16C/1N Datasheet HTML 133Page - Renesas Technology Corp M16C/1N Datasheet HTML 134Page - Renesas Technology Corp M16C/1N Datasheet HTML 135Page - Renesas Technology Corp M16C/1N Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 120 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
• Example of transmit timing when transfer data is 8 bits long (parity enabled, one stop bit)
• Example of transmit timing when transfer data is 9 bits long (parity disabled, two stop bits)
Transmit enable
bit (TE)
Transmit buffer
empty flag (TI)
Transmit register
empty flag
(TXEPT)
Start
bit
Parity
bit
TxDi
The above timing applies to the following settings :
Parity is enabled.
One stop bit.
Transmit interrupt cause select bit = 1.
"1"
"0"
"1"
"0"
"1"
Tc = 16 (n + 1) / fi or 16 (n + 1) / fEXT
fi : frequency of BRGi count source (f1, f8, f32, fc)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Transmit interrupt
request bit (IR)
"0"
"1"
Cleared to "0" when interrupt request is accepted, or cleared by software
Transmit enable
bit (TE)
Transmit buffer
empty flag (TI)
TxDi
Transmit register
empty flag
(TXEPT)
"0"
"1"
"0"
"1"
"0"
"1"
The above timing applies to the following settings :
Parity is disabled.
Two stop bits.
Transmit interrupt cause select bit = 0.
Transfer clock
Tc
Tc = 16 (n + 1) / fi or 16 (n + 1) / fEXT
fi : frequency of BRGi count source (f1, f8, f32, fc)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Transmit interrupt
request bit (IR)
"0"
"1"
Shown in ( ) are bit symbols.
Shown in ( ) are bit symbols.
Tc
Transfer clock
D0
D1 D2 D3 D4 D5 D6
D7
ST
P
SP
Stop
bit
Transferred from UARTi transmit buffer register to UARTi transmit register
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
D0 D1
ST
Stopped pulsing because transmit enable bit = "0"
Start
bit
Data is set in UARTi transmit buffer register
D0 D1
D2
D3 D4 D5 D6 D7
ST
SP
D8
D0 D1 D2 D3 D4 D5 D6 D7
ST
D8
D0 D1
ST
SPSP
Transferred from UARTi transmit buffer register to UARTi transmit register
Stop
bit
Stop
bit
Data is set in UARTi transmit buffer register.
"0"
SP
Cleared to "0" when interrupt request is accepted, or cleared by software
Figure 13.12 Typical transmit timings in UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com